Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH3776 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AH3776
Description  HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3776 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AH3776 Datasheet HTML 5Page - Diodes Incorporated AH3776 Datasheet HTML 6Page - Diodes Incorporated AH3776 Datasheet HTML 7Page - Diodes Incorporated AH3776 Datasheet HTML 8Page - Diodes Incorporated AH3776 Datasheet HTML 9Page - Diodes Incorporated AH3776 Datasheet HTML 10Page - Diodes Incorporated AH3776 Datasheet HTML 11Page - Diodes Incorporated AH3776 Datasheet HTML 12Page - Diodes Incorporated AH3776 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AH3776
Document number: DS38230 Rev. 1 - 2
9 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AH3776
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1)
Package Type: SOT23
1.4/1.5
Hall Sensor
PART
MARKING
SURFACE
Min/Max
Pin1
Die
Sensor Location
J
K1
K
L1
GAUGE PLANE
0.25
H
L
M
All 7°
A
C
B
D
G
F
a
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.890
1.00
0.975
K1
0.903
1.10
1.025
L
0.45
0.61
0.55
L1
0.25
0.55
0.40
M
0.085
0.150
0.110
a
All Dimensions in mm


Similar Part No. - AH3776

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3772 DIODES-AH3772 Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772 DIODES-AH3772 Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-A DIODES-AH3772-P-A Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-A DIODES-AH3772-P-A Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-B DIODES-AH3772-P-B Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
More results

Similar Description - AH3776

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3772 DIODES-AH3772_18 Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772 DIODES-AH3772 Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3712 DIODES-AH3712 Datasheet
1Mb / 16P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
AH3774 DIODES-AH3774 Datasheet
502Kb / 14P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH
AH3775 DIODES-AH3775 Datasheet
503Kb / 14P
   HIGH-VOLTAGE MEDIUM-SENSITIVITY HALL EFFECT LATCH
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
AH3763Q DIODES-AH3763Q Datasheet
552Kb / 15P
   HIGH-VOLTAGE, HIGH-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
AH3764Q DIODES-AH3764Q Datasheet
550Kb / 15P
   HIGH-VOLTAGE, HIGH-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
AH3762Q DIODES-AH3762Q_18 Datasheet
541Kb / 15P
   HIGH-VOLTAGE, HIGH-SENSITIVITY AUTOMOTIVE HALL EFFECT LATCH
AH3712Q DIODES-AH3712Q Datasheet
1Mb / 19P
   AUTOMOTIVE HIGH-VOLTAGE, HIGH-SENSITIVITY HALL-EFFECT LATCH
March 2023 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com