Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EOT63U3P3-P Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EOT63U3P3-P
Description  enclosed switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EOT63U3P3-P Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EOT63U3P3-P Datasheet HTML 1Page - List of Unclassifed Manufacturers EOT63U3P3-P Datasheet HTML 2Page - List of Unclassifed Manufacturers EOT63U3P3-P Datasheet HTML 3Page - List of Unclassifed Manufacturers EOT63U3P3-P Datasheet HTML 4Page - List of Unclassifed Manufacturers EOT63U3P3-P Datasheet HTML 5Page - List of Unclassifed Manufacturers EOT63U3P3-P Datasheet HTML 6Page - List of Unclassifed Manufacturers EOT63U3P3-P Datasheet HTML 7Page - List of Unclassifed Manufacturers EOT63U3P3-P Datasheet HTML 8Page - List of Unclassifed Manufacturers EOT63U3P3-P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Enclosed switches - eOT | 5
Enclosed disconnect switches
eOT16
eOT32
eOT45
eOT63
eOT30
eOT60
eOT100
Approvals
3pole
UL 508
UL 508
UL 508
UL 508
UL 98
UL 98
UL 98
UL Amperage Rating
16
40
60
80
30
60
100
Max Horsepower rating
Three Phase
200V-208V
HP
3
10
15
20
240V
HP
6
10
15
20
10
20
30
480V
HP
10
20
30
40
20
40
50
600V
HP
10
25
30
40
30
40
50
Single Phase
120V
HP
1
2
2
2
2
3
5
240V
HP
2
5
7.5
10
5
7.5
15
Interrupting Capacity (SCCR) with fuse
Fuse Type CC
kA
10/-
10/-
-/-
-/-
Fuse Type J
kA
10/10
10/10
100/-
100/-
50/200
50/200
50/200
Fuse Type T
kA
10/10
10/10
100/-
100/-
50/200
50/200
50/200
Fuse Type RK1
kA
10/-
10/-
-/-
-/-
Fuse Type RK5
kA
5/5
5/5
10/5
10/5
Fuse Type L
kA
-/-
-/-
-/-
-/-
Fuse Type H
kA
-/-
-/-
-/5
-/5
Maximum Fuse Size
A
30/601)
30/601)
100/150
100/150
60/60
150/60
150/100
Endurances
Min. electrical endurance power
factor
0.75...0.8
op. cycles
6000
6000
6000
6000
6000
6000
6000
0.40...0.50
op. cycles
1000
1000
1000
1000
Mechanical endurance
operations
20000
20000
20000
20000
20000
20000
20000
Switch operating torque
lbs. in.
8.8
8.8
10.5
10.5
17.6
17.6
17.6
Knock-outs
Plastic enclosure
Ends
4x1/2” or 4x3/4”
4x1/2" or 4x 3/4"
4x3/4" or 4x1"
4x1" or 4x1 1/4"
Metallic enclosure
Ends
4x3/4" or 4x1/2" +
4x3/4" or 4x1/2" +
4x3/4" or 4x1/2" +
4x3/4" or 4x1/2" +
4x3/4" or 4x1/2" +
4x3/4" or 4x1/2" +
4x3/4" or 4x1/2" +
2x1" or 2x3/4"
2x1" or 2x3/4"
2x1" or 2x3/4"
2x1" or 2x3/4"
2x1" or 2x3/4"
2x1" or 2x3/4"
2x1" or 2x3/4"
Terminal Lug Kits
Not required
Not required
Not required
Not required
Not required
Not required
Not required
Wire Range
AWG
#18-8
#18-8
#14-4
#14-4
#14-4
#14-4
#8-1/0
Wire Tightening Torque
lbs. in.
7
7
18
18
55
55
55
Lug Mounting
lbs. in.
Integral
Integral
Integral
Integral
Integral
Integral
Integral
Auxiliary Contacts
Auxiliary Contacts
Plastic enclosure
OA1G_ or OA2G11
OA1G_ or OA2G11
OA1G_ or OA2G11
OA1G_ or OA2G11
OA1G_
OA1G_
OA1G_
Metallic enclosure
OA1G_
OA1G_
OA1G_
OA1G_
OA1G_
OA1G_
OA1G_
NEMA ratings, AC
AC600
AC600
AC600
AC600
AC600
AC600
AC600
AC rated voltage
VAC
600
600
600
600
600
600
600
AC rated thermal current
A
10
10
10
10
10
10
10
AC maximum volt-ampere
making
VAC
7200
7200
7200
7200
7200
7200
7200
AC maximum volt-amperage
breaking
VAC
720
720
720
720
720
720
720
NEMA ratings, DC
R300
R300
R300
R300
R300
R300
R300
DC rated voltage
VDC
300
300
300
300
300
300
300
DC thermal rated current
A
1
1
1
1
1
1
1
DC maximum make-break
VA
28
28
28
28
28
28
28
Torque: wire tightening
lbs. in.
7
7
7
7
7
7
7
Wire Range
AWG
#18-14
#18-14
#18-14
#18-14
#18-14
#18-14
#18-14
1)
Fuse size 70A for RK5


Similar Description - EOT63U3P3-P

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
BAF HONEYWELL-BAF Datasheet
2Mb / 11P
   High Capacity Enclosed Switches
May 2015
logo
Honeywell Accelerometer...
LZA1 HONEYWELL-ACC-LZA1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZL1 ETC1-LZL1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
Omron Electronics LLC
ZE-N-2G OMRON-ZE-N-2G Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
logo
Honeywell Solid State E...
8LS1 HONEYWELL-8LS1 Datasheet
60Kb / 1P
   SWITCH-ENCLOSED
BZE6-2RN HONEYWELL-BZE6-2RN Datasheet
39Kb / 1P
   SWITCH - ENCLOSED
logo
Omron Electronics LLC
SHL-Q2255 OMRON-SHL-Q2255 Datasheet
1Mb / 8P
   Enclosed Switch
logo
Honeywell Accelerometer...
LSD1A HONEYWELL-ACC-LSD1A Datasheet
729Kb / 10P
   SWITCH-ENCLOSED
logo
Honeywell Solid State E...
LSC2B HONEYWELL-LSC2B Datasheet
729Kb / 10P
   SWITCH - ENCLOSED
DTE6-2RN HONEYWELL-DTE6-2RN Datasheet
36Kb / 1P
   SWITCH-ENCLOSED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com