Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C131-45JI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C131-45JI
Description  1K x 8 Dual-Port Static Ram
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C131-45JI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C131-45JI Datasheet HTML 1Page - Cypress Semiconductor CY7C131-45JI Datasheet HTML 2Page - Cypress Semiconductor CY7C131-45JI Datasheet HTML 3Page - Cypress Semiconductor CY7C131-45JI Datasheet HTML 4Page - Cypress Semiconductor CY7C131-45JI Datasheet HTML 5Page - Cypress Semiconductor CY7C131-45JI Datasheet HTML 6Page - Cypress Semiconductor CY7C131-45JI Datasheet HTML 7Page - Cypress Semiconductor CY7C131-45JI Datasheet HTML 8Page - Cypress Semiconductor CY7C131-45JI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1K x 8 Dual-Port Static Ram
fax id: 5200
CY7C130/CY7C131
CY7C140/CY7C141
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
May 1989 – Revised March 27, 1997
1CY 7C14 0
Features
• True Dual-Ported memory cells which allow simulta-
neous reads of the same memory location
• 1K x 8 organization
• 0.65-micron CMOS for optimum speed/power
• High-speed access: 15 ns
• Low operating power: ICC = 90 mA (max.)
• Fully asynchronous operation
• Automatic power-down
• Master CY7C130/CY7C131 easily expands data bus
width to 16 or more bits using slave CY7C140/CY7C141
• BUSY output flag on CY7C130/CY7C131; BUSY input
on CY7C140/CY7C141
• INT flag for port-to-port communication
• Available in 48-pin DIP (CY7C130/140), 52-pin PLCC and
52-pin TQFP
• Pin-compatible and functionally equivalent to
IDT7130/IDT7140
Functional Description
The
CY7C130/CY7C131/CY7C140
and
CY7C141
are
high-speed CMOS 1K by 8 dual-port static RAMs. Two ports
are provided permitting independent access to any location in
memory. The CY7C130/ CY7C131 can be utilized as either a
standalone 8-bit dual-port static RAM or as a master dual-port
RAM in conjunction with the CY7C140/CY7C141 slave du-
al-port device in systems requiring 16-bit or greater word
widths. It is the solution to applications requiring shared or
buffered data, such as cache memory for DSP, bit-slice, or
multiprocessor designs.
Each port has independent control pins; chip enable (CE),
write enable (R/W), and output enable (OE). Two flags are
provided on each port, BUSY and INT. BUSY signals that the
port is trying to access the same location currently being ac-
cessed by the other port. INT is an interrupt flag indicating that
data has been placed in a unique location (3FF for the left port
and 3FE for the right port). An automatic power-down feature
is controlled independently on each port by the chip enable
(CE) pins.
The CY7C130 and CY7C140 are available in 48-pin DIP. The
CY7C131 and CY7C141 are available in 52-pin PLCC and
PQFP.
s
Notes:
1.
CY7C130/CY7C131 (Master): BUSY is open drain output and requires pull-up resistor
CY7C140/CY7C141 (Slave): BUSY is input.
2.
Open drain outputs: pull-up resistor required
Logic Block Diagram
Pin Configurations
C130-1
C130-2
13
14
15
16
17
18
19
20
21
22
23
26
27
28
32
31
30
29
33
36
35
34
24
25
GND
1
2
3
4
5
6
7
8
9
10
11
38
39
40
44
43
42
41
45
48
47
46
12
37
R/W L
CEL
BUSY L
INTL
OEL
A0L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
CER
R/WR
BUSYR
INTR
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O7R
I/O6R
I/O5R
I/O4R
I/O3R
I/O2R
I/O1R
I/O0R
VCC
DIP
Top View
7C130
7C140
R/WL
BUSYL
CEL
OEL
A 9L
A 0L
A 0R
A 9R
R/WR
CER
OER
CER
OER
CEL
OEL
R/WL
R/WR
I/O7L
I/O0L
I/O7R
I/O0R
BUSYR
INTL
INTR
ARBITRATION
LOGIC
(7C130/7C131 ONLY)
AND
INTERRUPT LOGIC
CONTROL
I/O
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
[1]
[2]
[2]


Similar Part No. - CY7C131-45JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131-45JI CYPRESS-CY7C131-45JI Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C131-45JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com