Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

68PARS-060P Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 68PARS-060P
Description  Long Life Potentiometer Substitute
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

68PARS-060P Datasheet(HTML) 2 Page - Grayhill, Inc

  68PARS-060P Datasheet HTML 1Page - Grayhill, Inc 68PARS-060P Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Hall-Effect
ELECTRICAL SCHEMATIC
* Customized electrical outputs are available. Contact Grayhill for additional details.
SPECIFICATIONS
Electrical Ratings
Operating Voltage: Minimum 4.5V,
maximum 5.5V (VDD)
Supply Current Redundant Sensors:
Typical 22mA, maximum 40mA
Supply Current Single Sensor:
Typical 11mA, maximum 20mA
Isource: 6mA (Vout Error ≤ 1%)
Isink: -6mA (Vout Error ≤ 1%)
Power-Up Time: 10ms
System Propagation Delay: 100 µs
Output Leakage Current: Minimum -20µA,
maximum 20µA
DC Supply Voltage @ PIN VDD
Overvoltage: Minimum -18V, maximum 27V
Sensor Error: When an internal sensor error
occurs, the ouput goes to < 4% of supply
(VDD)
EMC Ratings
Radiated Immunity: IEC 61000-4-3
Conducted Immunity: IEC 61000-4-6
Radiated Emissions: ANSI C63.4
Conducted Emissions: EN 55022
Electrostatic Discharge: IEC 61000-4-2
Power Frequency Magnetic Field:
Tested per IEC 61000-4-8
Physical & Mechanical Ratings
Mechanical Life: 3,000,000 cycles of
operation. 1 cycle is a rotation through all
positions and a full return
Average Rotational Torque: 1.5 in-oz
maximum
Maximum rotational speed: 100 rpm
Mounting Torque: 15 in-lbs. maximum
Shaft Pushout / Pulloutut Force: 45 lbs. / 45
lbs. minimum
Terminal Strength: 15 lbs. minimum. Cable
or Header pullout force
Solderability: 95% free of pin holes & voids
Environmental Ratings
Operating Temperature: -40°C to 85°C
Storage Temperature: -55°C to 100°C
Humidity: 96 hours
@ 90-95% humidity @ 40°C
Mechanical Vibration: Harmonic motion
with amplitude of 15g within a varied
frequency of 10 to 2000 Hz for 12 hours
Mechanical Shock:
Test 1: 100g for 6 ms half-sine wave with a
velocity change of 12.3 ft/s.
Test 2: 100g for 6 ms sawtooth wave with a
velocity change of 9.7 ft/s.
Seal: IP67, Meets IEC 60529
Materials and Finishes
Bushing: Zamak 2
Shaft: Stainless Steel
Housing: Zytel FR - 50; Glass Reinforced
Nylon 6/6
Hex Nut: Nickel plated brass
Washers: 302 Stainless Steel
Shaft Seal: Silicone
Panel Seal: Silicone
Header Pins: Tin plated phosphate bronze
Lockwasher: Spring steel, zinc plate with
clear trivalent chromate finish
Cable: Copper stranded with topcoat in PVC
ORDERING INFORMATION
For prices and custom configurations,
contact a local sales office, an authorized distributor, or Grayhill's sales department.
Redundant
Single Sensor
Termination:
S = .050” Stripped Cable
C = .050” Connector
P = .050” Header
68PXXX-XXXX
Cable Length:
020 - 060
2.00” - 6.0”
1” Increments
Sensor Type: R = Redundant; S = Single
Style: A = 5.0V
Grayhill Series Number
Seal: N = No shaft / panel seal
S = Shaft /panel seal
Encoder has ratiometric analog output (output levels are proportional to the supply voltage).
Specifications on this datasheet apply @ VDD = 5.00 V.


Similar Part No. - 68PARS-060P

ManufacturerPart #DatasheetDescription
logo
Bi technologies
68PFR10KLF BITECH-68PFR10KLF Datasheet
272Kb / 3P
   Cermet Trimming Potentiometer
logo
TT Electronics.
68PFR10KLFAP TTELEC-68PFR10KLFAP Datasheet
875Kb / 4P
   MULTI-TURN TRIMMER
68PFR10KLFTB TTELEC-68PFR10KLFTB Datasheet
875Kb / 4P
   MULTI-TURN TRIMMER
68PFR10KLFTR TTELEC-68PFR10KLFTR Datasheet
875Kb / 4P
   MULTI-TURN TRIMMER
logo
Bi technologies
68PR100KLF BITECH-68PR100KLF Datasheet
61Kb / 4P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results

Similar Description - 68PARS-060P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P10L VISHAY-P10L_17 Datasheet
105Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
P30L VISHAY-P30L_17 Datasheet
158Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
Revision: 04-Jul-17
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
   Long Life Slide Potentiometer
logo
Vishay Siliconix
P13L VISHAY-P13L Datasheet
152Kb / 7P
   Long Life Cermet Potentiometer up to 2 Million Cycles
Revision: 04-Jul-17
RV4L VISHAY-RV4L Datasheet
113Kb / 5P
   Long Life / Heavy Duty Potentiometer
logo
Bourns Electronic Solut...
PDF24 BOURNS-PDF24 Datasheet
486Kb / 2P
   24 mm Long Life Potentiometer
logo
Vishay Siliconix
RV4L VISHAY-RV4L_V01 Datasheet
95Kb / 5P
   Long Life / Heavy Duty Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
   PTF Series Long Life Slide Potentiometer
PDA24 BOURNS-PDA24 Datasheet
307Kb / 2P
   PDA24 - 24 mm Long Life Potentiometer
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
Revision: 04-Jul-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com