Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59022-1-U-02-A Datasheet(PDF) 2 Page - Littelfuse

Part # 59022-1-U-02-A
Description  59022 Firecracker Reed Sensor 57022 Actuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

59022-1-U-02-A Datasheet(HTML) 2 Page - Littelfuse

  59022-1-U-02-A Datasheet HTML 1Page - Littelfuse 59022-1-U-02-A Datasheet HTML 2Page - Littelfuse 59022-1-U-02-A Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
littelfuse.com
© 2015 Littelfuse
Revised: 10/29/15
Specifications are subject to change without notice.
59022 Firecracker Reed Sensor + 57022 Actuator
Reed Sensors
Electrical Ratings
Contact Type
Normally Open
Change Over
Normally Closed
Switch Type
1
3
4
Contact Rating 1
VA/Watt - max.
10
5
5
Voltage 4
Switching 2
Breakdown 3
Vdc - max.
Vac - max.
Vdc - min.
200
140
250
175
120
200
175
120
200
Current 4
Switching 2
Carry
Adc - max.
Aac - max.
Adc - max.
0.5
0.35
1.2
0.25
1.0
1.5
0.25
1.0
1.5
Resistance 5
Contact, Initial
Insulation
Ω - max.
Ω - min.
0.2
1010
0.2
109
0.2
109
Capacitance
Contact
pF - typ.
0.3
0.3
0.3
Temperature
Operating
°C
-40 to +105
-40 to +105
-40 to +105
Product Characteristics
Operate Time 6
ms - max.
1.0
3.0
3.0
Release Time 6
ms - max.
1.0
3.0
3.0
Shock 7
11ms 1⁄2 sine
G - max.
100
50
50
Vibration 7
50-2000 Hz
G - max.
30
30
30
Firecracker > 59022
Notes:
1. Contact rating - Product of the switching voltage and current should never exceed the wattage rating. Contact Littelfuse for additional load/life information.
2. When switching inductive and/or capacitive loads, the effects of transient voltages and/or currents should be considered. Refer to Application Notes AN108A and AN107 for details.
3. Breakdown Voltage - per MIL-STD-202, Method 301. Leakage current is less than 0.1mA for 60 seconds.
4. Electrical Load Life Expectancy - Contact Littelfuse with voltage, current values along with type of load.
5. This resistance value is for 11.81mm wire length. Resistance changes when wire lengthens.
6. Operate (including bounce)/Release Time - per EIA/NARM RS-421-A, diode suppressed coil (Coil II).
7. Shock and Vibration - per EIA/NARM RS-421-A and MIL-STD-202.
8. For custom modifications to the wire length or size, or adding a special connector, please contact Littelfuse.
9. Custom sensitivities and a high voltage switch are options
Sensitivity Options (Using 57022 Actuator)
Select Option
S
T
U
Switch Type
Pull-In AT Range
Activate Distance
mm (inch)
Average
Pull-In AT Range
Activate Distance
mm (inch)
Average
Pull-In AT Range
Activate Distance
mm (inch)
Average
1
Normally Open
12-18
9.6 (.377)
17-23
7.0 (.275)
22-28
5.0 (.197)
3
Change Over
15-20
9.3 (.367)
20-25
7.5 (.295)
25-30
6.5 (.256)
4
Normally Closed
15-20
9.3 (.367)
20-25
7.5 (.295)
25-30
6.5 (.256)
Schematics
Switch Type
1
3
4
Black
Black
Black
Blue
White
Black
Black
Note:
1. Pull-In AT Range: These AT values are the bare reed switch AT before modification.
2. The activation distance is average value on the final sensor assembly
D
Sensor
Actuator


Similar Part No. - 59022-1-U-02-A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59020 LITTELFUSE-59020 Datasheet
422Kb / 3P
   Reed Sensors
59020-1-S-02-A LITTELFUSE-59020-1-S-02-A Datasheet
422Kb / 3P
   Reed Sensors
59020-1-S-02-E LITTELFUSE-59020-1-S-02-E Datasheet
422Kb / 3P
   Reed Sensors
59020-1-S-02-F LITTELFUSE-59020-1-S-02-F Datasheet
422Kb / 3P
   Reed Sensors
logo
HAMLIN Position and Mov...
59020-I-S-01-A HAMLIN-59020-I-S-01-A Datasheet
67Kb / 1P
   Mini Firecracker Features and Benefits
More results

Similar Description - 59022-1-U-02-A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59030 LITTELFUSE-59030 Datasheet
495Kb / 3P
   59030 Miniature Firecracker Reed Sensor 57030 Actuator
59040 LITTELFUSE-59040 Datasheet
513Kb / 3P
   Press-Fit Firecracker Reed Sensor
logo
HAMLIN Position and Mov...
59010-I-S-01-A HAMLIN-59010-I-S-01-A Datasheet
42Kb / 1P
   Sub-Miniature Firecracker
logo
Meder Electronic
MK0201B901000W MEDER-MK0201B901000W Datasheet
206Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
MK0211B904000W MEDER-MK0211B904000W Datasheet
194Kb / 2P
   Reed sensor
MK0211C90500W MEDER-MK0211C90500W Datasheet
187Kb / 2P
   Reed sensor
MK0221B901000W MEDER-MK0221B901000W Datasheet
190Kb / 2P
   Reed sensor
9231350044 MEDER-9231350044 Datasheet
108Kb / 2P
   Reed sensor
9203110014 MEDER-9203110014 Datasheet
212Kb / 2P
   Reed sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com