Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEDALLION7200 Datasheet(PDF) 2 Page - Emcore Corporation

Part # MEDALLION7200
Description  CATV Fiber Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MEDALLION7200 Datasheet(HTML) 2 Page - Emcore Corporation

  MEDALLION7200 Datasheet HTML 1Page - Emcore Corporation MEDALLION7200 Datasheet HTML 2Page - Emcore Corporation MEDALLION7200 Datasheet HTML 3Page - Emcore Corporation MEDALLION7200 Datasheet HTML 4Page - Emcore Corporation MEDALLION7200 Datasheet HTML 5Page - Emcore Corporation MEDALLION7200 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATASHEET | NOVEMBER 2015
FIBER OPTICS
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
| REV 2015.11
General and Electrical Characteristics
Property
Requirements
Symbol
Min
Typ
Max
Unit
AC Power Supply
Voltage
VAC
85
265
VAC
DC Power Supply
Voltage
VDC
-36
-48
-72
VDC
Power Consumption Note 1
PTOT
80
W
Agency Listing, EMI
EN 50083-2-2006
EN 55013
EN 61000-3-2
EN 61000-4-6
EN 61000-4-3
EN 61000-4-2
EN 61000-4-4
EN 61000-3-3
FCC Part 15 (Subpart B, Class
A), 107(b), 109(b)
Agency Listing, Safety
IEC 60950-1/A1:2009
IEC 60825-1:2007
Transportation Vibration
GR-63-CORE
Transportation Shock
GR-63-CORE
Note 1: 80 W valid at 0 dBm input power and 43 dBm total output power within specified operating temperature range.
Medallion 7200 Series CATV Fiber Amplifier
Erbium/Ytterbium Doped Fiber Amplifier (EYDFA)


Similar Part No. - MEDALLION7200

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MEDALLION7100 EMCORE-MEDALLION7100 Datasheet
532Kb / 5P
   CATV Fiber Amplifier
MEDALLION7110 EMCORE-MEDALLION7110 Datasheet
545Kb / 6P
   CATV Fiber Amplifier
More results

Similar Description - MEDALLION7200

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100GFF-XX01-1001 EMCORE-NMOA8100GFF-XX01-1001_13 Datasheet
428Kb / 4P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200 Datasheet
143Kb / 4P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200_11 Datasheet
497Kb / 4P
   CATV Fiber Amplifier
NMOA8200WDM-XX01-1001 EMCORE-NMOA8200WDM-XX01-1001_13 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
MEDALLION7100 EMCORE-MEDALLION7100 Datasheet
532Kb / 5P
   CATV Fiber Amplifier
MEDALLION7110 EMCORE-MEDALLION7110 Datasheet
545Kb / 6P
   CATV Fiber Amplifier
logo
SJM Prewell. All Rights...
PK857 SJM-PK857 Datasheet
220Kb / 3P
   CATV Amplifier
PW111 SJM-PW111_V01 Datasheet
214Kb / 3P
   CATV Amplifier
PT818 SJM-PT818 Datasheet
462Kb / 5P
   CATV Amplifier
PW470 SJM-PW470 Datasheet
326Kb / 4P
   CATV Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com