Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTS725050A7E635 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HTS725050A7E635
Description  2.5-INCH MOBILE 7200 RPM 7MM HARD DISK DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HTS725050A7E635 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HTS725050A7E635 Datasheet HTML 1Page - List of Unclassifed Manufacturers HTS725050A7E635 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
Highlights
• First 7200 RPM, 500GB1 in
a 7mm, single-disk design
• Advanced Format, 512 byte emulation
• First 6Gb/s SATA interface on a mobile HDD
• Low power consumption
• Halogen-free for eco-friendly design
• Self-encrypting models for data security
• Enhanced-availability (EA) models for applications
needing around-the-clock access in lower-
transaction environments
Applications/Environments
• Notebook and ultra-portable PCs
• Tablets
• Compact desktop PCs
• External storage
• Gaming consoles
• Compact video devices
• Blade servers (EA)
• Network routers (EA)
• Video surveillance (EA)
2.5-INCH MOBILE 7200 RPM 7MM HARD DISK DRIVES
High-Performance, Single-Disk
500GB HDD for Mobile Applications
Travelstar® Z7K500 is the second generation 7mm, 7200
RPM 2.5-inch hard drive from HGST, with capacities
ranging from 250GB to 500GB leveraging Advanced
Format, which increases the physical sector size from 512
bytes to 4,096 (4K) bytes to improve drive capacities and
error correction capabilities. Travelstar Z7K500 is the first
2.5-inch HDD with a 6Gb/s SATA interface and 32MB of
cache and delivers the highest 7200 RPM performance
in PCMark Vantage testing. The 500GB per platter, one-
disk models are designed as a direct replacement for
standard 9.5mm HDDs, for use in notebook PCs, external
storage and gaming consoles, as well as new, thinner
and more robust device designs. The Z7K500 carries the
EcoTrac classification due to its low power consumption
and eco-friendly, halogen-free production. Travelstar
Z7K500 balances speed, power-efficiency and design
flexibility to meet the needs of mobile applications.
HGST Quality and Service
HGST’s mobile hard drives are designed to the highest
quality standards and contain field-proven components.
HGST provides worldwide technical support and
integration services to enable global customers to bring
their products to market quickly.
TravelStar
® Z7K500
500GB, 320GB and 250GB
7200 RPM | SATA 6Gb/s
Data Security Option
Travelstar Z7K500 is the sixth generation self-encrypting
drive (SED) to feature HGST’s Bulk Data Encryption
(BDE). The SED model encrypts data in real time using
protected keys, providing users the highest level of
data protection available. It also speeds and simplifies
drive re-purposing. By deleting the encryption key,
the data on the drive is rendered unreadable, thereby
eliminating the need for time-consuming data-overwrite.
For information about the SED models designed to the
Trusted Computing Group (TCG) Opal Storage Security
specification, please contact your HGST representative.
Enhanced Availability (EA)—
for 24x7 Access to Data
HGST provides enhanced availability models of the
Travelstar Z7K500 that allow 24x7 access to data to
support applications that require round-the-clock
operation. The new thinner profile allows for additional
cooling, especially important in dense blade server
designs. The Z7K500 provides high capacity, durability
and quiet acoustics on a proven platform for quality and
reliability. EA models support the stringent demands
of “always-on” applications in lower-transaction
environments.
Features and Benefits
Feature / Function
Benefits
Capacity
Up to 500GB storage
Up to 125 hours of high-definition video, 500 hours of standard video,
178 movies, 125,000 4-min songs or 250 games *
Performance
Up to 1004Mb/s media transfer rate
32MB cache buffer
Fast downloads and excellent application performance**
Interface
SATA 6Gb/s
Higher data throughput
Power
1.8W read/write power
0.8W low power idle
Low energy use and long battery life for more “unplugged” notebook time
Reliability
400G operating shock
1000G non-operating shock
Best protection against bumps and rough handling
TrueTrack™ technology
Tracking accuracy in high shock or vibration environments
Acoustics
Quiet acoustics
Richer audio-listening experience for music, movies and games
Security Option Bulk Data Encryption
Helps guard against data theft


Similar Part No. - HTS725050A7E635

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HTS VISHAY-HTS Datasheet
91Kb / 3P
   High Ohmic Values (up to 100 G ohm), High Voltage Resistors (up to 50 kV) Thick Film Technology
Revision: 01-Aug-13
logo
M-System Co.,Ltd.
HTS MSYSTEM-HTS Datasheet
113Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HTS-00-R MSYSTEM-HTS-00-R Datasheet
113Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HTS-00-R/BL MSYSTEM-HTS-00-R/BL Datasheet
113Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HTS-00-R/BN MSYSTEM-HTS-00-R/BN Datasheet
113Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HTS725050A7E635

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US7K4000 ETC2-US7K4000 Datasheet
411Kb / 2P
   3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
A7K2000 ETC2-A7K2000 Datasheet
930Kb / 2P
   3.5-Inch Enterprise 7200 RPM Hard Disk Drives
5K1000 ETC2-5K1000 Datasheet
676Kb / 2P
   2.5-Inch Mobile 5400 RPM 9.5mm Hard Disk Drives
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
   2.5-Inch SFF Enterprise Hard Disk Drives
logo
Toshiba Semiconductor
MD03ACA-V TOSHIBA-MD03ACA-V Datasheet
1Mb / 2P
   Hard Disk Drives 2TB / 3TB / 4TB * 3.5-Inch / 7,200 RPM / SATA
logo
Lite-On Technology Corp...
MHT2040AT LITEON-MHT2040AT Datasheet
710Kb / 2P
   MHT-AT Series 4,200 RPM, Ultra ATA/100 2.5-Inch Mobile Drives
logo
List of Unclassifed Man...
HE10 ETC2-HE10 Datasheet
303Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
USHE6 ETC2-USHE6 Datasheet
325Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
logo
Toshiba Semiconductor
MK1060GSC TOSHIBA-MK1060GSC Datasheet
255Kb / 2P
   2.5-Inch SATA Automotive-Grade Hard Disk Drive
03/2012
logo
Advantech Co., Ltd.
96ND1T-ST-SG7E ADVANTECH-96ND1T-ST-SG7E Datasheet
110Kb / 1P
   7200 RPM spindle speed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com