Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUS726060ALS640 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HUS726060ALS640
Description  3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUS726060ALS640 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HUS726060ALS640 Datasheet HTML 1Page - List of Unclassifed Manufacturers HUS726060ALS640 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
Ultrastar® He6
Key Advantages/Highlights
• World’s first helium-filled hard drive
• Industry-first 6TB capacity1 in a standard
3.5-inch form factor
• HelioSeal® process and 7Stac™ design are keys to
hermetically sealed drive with higher capacity
• TCOptimized™ design delivers on key elements of data
center TCO: capacity, power, cooling and storage density
• SAS & SATA 6Gb/s models for configuration flexibility
• Self-Encrypting Drive (SED) options for
HDD-level data security
Applications/Environments
• High-density data centers
• Massive scale-out data centers
• Containerized data centers
• Nearline storage applications
• Bulk storage
• Enterprise and data center applications
where density and capacity are paramount
3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
4oC
COOLER OPERATION*
50g
LIGHTER WEIGHT*
23%
LOWER IDLE POWER*
49%
BETTER WATTS/TB*
50%
MORE CAPACITY*
30%
QUIETER OPERATION*
*MEASUREMENTS SHOWN REFLECT IMPROVEMENTS
WHEN COMPARING SATA MODELS OF A 4TB
ULTRASTAR 7K4000 AND 6TB ULTRASTAR HE6
Technology Innovations Make it
Happen
Through HGST’s innovative and patented HelioSeal process,
the Ultrastar He6 drive is the industry’s first hermetically
sealed helium-filled HDD that can be cost-effectively manu-
factured in high volume. This unique sealed-drive platform
provides a path for higher capacity storage for decades to
come while significantly lowering customer total cost of
ownership (TCO). The inherent benefits of helium enable
HGST’s new 7Stac disk design with 6TB, making it the world’s
highest capacity HDD with the best TCO for cloud storage,
massive scale-out environments, disk-to-disk backup, and
replicated or RAID environments.
HGST Quality and Service
HGST’s Ultrastar He6 extends the company’s long-standing
tradition of performance and capacity leadership. The
proven drive design enables high reliability and availability
to customer data. Ultrastar quality, performance and world
class technical support and service provides customers with
a lower total cost of ownership over previous generations.
HGST drives are backed by an array of technical support and
services, which may include customer and integration assistance.
HGST is dedicated to providing a complete portfolio of HDD/
SSD solutions to satisfy today’s monumental computing needs.
Innovation for Next-generation,
High-density Data Centers
HGST delivers the world’s first hermetically sealed, helium
hard drive, the Ultrastar® He6 for massive scale-out envi-
ronments. Why does helium make a difference? Helium has
only one-seventh the density of air. Replacing air with helium
inside a hard drive dramatically reduces the turbulence
caused by the spinning disks, cuts power consumption and
results in a lower temperature within the disk drive.
The reduction in turbulence for the spinning disk allows HGST
to deliver a seven-disk design in a traditional 3.5-inch form
factor. In addition to being the world’s first helium-filled hard
drive, HGST Ultrastar He6 is also the first hard drive in the
industry to offer a 6-terabyte capacity. This design provides a
50% capacity gain and still reduces the energy needed to run
the drive by up to 23%.
TCOptimized™ – Driving Down
Data Center TCO with Helium
The amount of data that companies need to store is growing
exponentially, but IT budgets remain flat. With 6TB, a low 5.3
idle watts, a reduced weight of 640g, and running at 4-5°C
cooler, the new Ultrastar He6 lowers data center total cost of
ownership (TCO) on virtually every level. Key TCO benefits
when compared to a typical 3.5-inch, five-platter, air-filled
4TB drive* include:
Feature / Function
Benefits
Capacity
• 6TB
• Highest enterprise capacity hard drive available in an industry-standard 3.5-inch form factor
TCO
• HelioSeal Platform
• Delivers 50% higher capacity with 23% lower power, 30% quieter, 4ºC cooler and 50g
lighter weight
Performance
• 7200 RPM
• Rotational Vibration Safeguard (RVS)
• High performance for business critical applications
• Maintains drive performance in high rotational vibration environments and multi-drive systems
Reliability
• 2.5M hours MTBF2 and 0.35% AFR2
• Thermal Fly-height Control (TFC) with internal thermal sensor
• Head load/unload
• SMART command transport
• Industry’s highest reliability rating for Capacity Enterprise hard drives
• Better soft error rate for improved reliability and performance
• Protects disk during non-operation
• Adaptive error correction
Power
• Improved Watts per gigabyte (W/GB)
• 49% lower W/GB than 4TB air-filled drives
Acoustics
• 2.0 Bels (Idle)
• 30% quieter operation than 5-platter, 4TB 3.5-inch air-filled drives
Security
• Optional Bulk Data Encryption (SATA) and TCG Enterprise_A (SAS) • Encrypt private data, providing security and easy redeployment
Features & Benefits


Similar Part No. - HUS726060ALS640

ManufacturerPart #DatasheetDescription
logo
Western Digital Corpora...
HUS726060ALE610 WESTERN-HUS726060ALE610 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
HUS726060ALE610/1/4 WESTERN-HUS726060ALE610/1/4 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
HUS726060ALE611 WESTERN-HUS726060ALE611 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
HUS726060ALN610/1/4 WESTERN-HUS726060ALN610/1/4 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
More results

Similar Description - HUS726060ALS640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE10 ETC2-HE10 Datasheet
303Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
A7K2000 ETC2-A7K2000 Datasheet
930Kb / 2P
   3.5-Inch Enterprise 7200 RPM Hard Disk Drives
US7K4000 ETC2-US7K4000 Datasheet
411Kb / 2P
   3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
   2.5-Inch SFF Enterprise Hard Disk Drives
logo
Toshiba Semiconductor
MD03ACA-V TOSHIBA-MD03ACA-V Datasheet
1Mb / 2P
   Hard Disk Drives 2TB / 3TB / 4TB * 3.5-Inch / 7,200 RPM / SATA
logo
Western Digital Corpora...
HUS726060ALE610 WESTERN-HUS726060ALE610 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
logo
List of Unclassifed Man...
Z7K500 ETC2-Z7K500 Datasheet
514Kb / 2P
   2.5-INCH MOBILE 7200 RPM 7MM HARD DISK DRIVES
5K1000 ETC2-5K1000 Datasheet
676Kb / 2P
   2.5-Inch Mobile 5400 RPM 9.5mm Hard Disk Drives
logo
Western Digital Corpora...
WD4002FYYZ WESTERN-WD4002FYYZ Datasheet
382Kb / 2P
   WD Gold™ Enterprise-class Hard Drives
August 2017
logo
AAEON Technology
9741692005 AAEON-9741692005 Datasheet
113Kb / 1P
   Standard 3.5??IDE Hard Disk Drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com