Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUSMR1610ASS201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HUSMR1610ASS201
Description  ENTERPRISE SOLID-STATE DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUSMR1610ASS201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HUSMR1610ASS201 Datasheet HTML 1Page - List of Unclassifed Manufacturers HUSMR1610ASS201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
Ultrastar® SSD1600MR
Highlights
• MLC NAND Flash for ultra-high performance and
endurance
• Read-intensive <3DW/D for 5 years
• Best IOPS/Watt for reduced TCO
• 12Gb/s SAS interface for maximum throughput
• Advanced power loss data management technology
• Self-encrypting models conform to TCG’s Enterprise
specification
Applications/Environments
• Ultra-high performance tier-0 read
endurance enterprise storage
• Enterprise-class servers and high performance computing
• Space and/or power constrained environments
• Online Transaction Processing (OLTP)
• Video pre- and post-production
• Cloud computing
ENTERPRISE SOLID-STATE DRIVES
Maximum Performance,
Reliability and Endurance
The Ultrastar SSD1600MR delivers high sequential
throughput, up to 1100MB/s read and 700MB/s write
(12Gb/s SAS). It also delivers up to 130,000 read and
30,000 write IOPS, reaching speeds >100 times faster
than HDDs and double the speed of current 6Gb/s
SSDs, allowing rapid access to “hot” enterprise data for
improved productivity and operational efficiency. The
Ultrastar SSD1600MR family offers significant value
in terms of IOPS per Watt, while reducing total cost
of ownership (TCO) through low power consumption,
efficient cooling and reduced space requirements.
The Ultrastar SSD1600MR family combines enterprise-
grade MLC NAND Flash memory, advanced endurance
management firmware and power loss data
management techniques to extend reliability, endurance
and sustained performance over the life of the SSD. The
Ultrastar SSD1600MR family achieves an extraordinary
0.35% annual failure rate (AFR) or 2.5 million hour mean-
time-between-failure (MTBF). The 1920GB capacity
model endures up to 10.5 Petabytes (PB) of random
writes over the life of the drive—the equivalent of writing
5.8 Terabytes (TB) per day for five years.
For complete end-to-end data protection and reliability,
the Ultrastar SSD1600MR family incorporates the T10
Data Integrity Field (DIF) standard, extended error
correction code (ECC), Exclusive-OR (XOR) parity to
protect against Flash die failure, parity-checked internal
data paths without an external write cache, and an
exclusive power loss data management feature that does
not require supercapacitors. The Ultrastar SSD1600MR
family is backed by a five year limited warranty, or the
maximum Petabytes (PB) written (based on capacity).
HGST Enterprise Storage
Experience
HGST leverages decades of proven enterprise storage
expertise in Serial Attached SCSI (SAS) design, reliability,
firmware, customer qualification and system integration
to the Ultrastar® SSD1600MR solid-state drive (SSD)
family. The synergistic relationship between HGST’s
throughput-enhancing SSDs and traditional HDDs
provides cost effective, end-to-end enterprise-class
storage solutions, delivering reliability, compatibility,
capacity, cost and system performance. This
combination makes HGST a leading SSD/HDD provider
with the experience and technology needed to meet
escalating reliability, endurance and performance in the
most demanding enterprise environments.
1920GB, 1600GB, 1000GB, 800GB,
500GB, 400GB and 250GB
MLC | 2.5-inch SFF | SAS 12Gb/s
HGST Quality and Service
HGST’s Ultrastar SSD1600MR family extends the
company’s long-standing tradition of performance and
reliability leadership. A balanced combination of new
and proven technologies enables high reliability and
availability to customer data.
HGST drives are backed by an array of technical
support and services, which may include customer and
integration assistance. HGST is dedicated to providing
a complete portfolio of SSD/HDD solutions to satisfy
today’s monumental computing needs.
Features & Benefits
Performance
Power
Capacity
Reliability
Integration
Feature/function
• SAS 12Gb/s
• MLC NAND Flash memory
• 1100MB/s / 700MB/s sequential R/W
• 130K / 30K IOPS random R/W
• 50K IOPS on 70/30 mix R/W
9.0 and 11.0 Watt options
• 1920GB
• 1600GB
• 1000GB
• 800GB
• 500GB
• 400GB
• 250GB
• 0.35% AFR (2.5M hours MTBF)
• 1E-17 bit error rate
• T10 end-to-end data protection
• Exclusive-OR (XOR) NAND
• Power loss data management
• Unlimited reads, up to 10.5PB random writes (1920GB)
• HDD architecture commonality
• Systems integration and test lab
Benefit
• 12Gb/s / 6Gb/s Active-Active Dual Port
• Highest write performance with cost improved
NAND for high endurance
• Maximum throughput and IOPS for ultra-fast
access to data; >100x faster than typical HDD
Improved performance
with higher power option
More capacity for less
space and power
• Reduced field replacement effort
• Enhanced error detection and correction for optimal data integrity
• Protection against Flash die failure
• Assures data integrity during power failure
• Maximum endurance over the life of SSD
• Compatibility with Ultrastar SAS HDDs
• Extensive interoperability and
compliance testing


Similar Part No. - HUSMR1610ASS201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HUSMR1010ASS200 ETC2-HUSMR1010ASS200 Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1010ASS201 ETC2-HUSMR1010ASS201 Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1010ASS204 ETC2-HUSMR1010ASS204 Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1010ASS205 ETC2-HUSMR1010ASS205 Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1025ASS200 ETC2-HUSMR1025ASS200 Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
More results

Similar Description - HUSMR1610ASS201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH ETC2-SSD800MH Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1000MR ETC2-SSD1000MR Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1600MM ETC2-SSD1600MM Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S846-MICRO ETC2-S846-MICRO Datasheet
159Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S842 ETC2-S842 Datasheet
151Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH.B ETC2-SSD800MH.B Datasheet
308Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MM ETC2-SSD800MM Datasheet
313Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S841 ETC2-S841 Datasheet
249Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
Kingston Technology Far...
SEDC500R KINGSTON-SEDC500R Datasheet
1Mb / 2P
   DATA CENTER DC500 ENTERPRISE SOLID-STATE DRIVES (SSDS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com