Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUSMR1025ASS200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HUSMR1025ASS200
Description  ENTERPRISE SOLID-STATE DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUSMR1025ASS200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HUSMR1025ASS200 Datasheet HTML 1Page - List of Unclassifed Manufacturers HUSMR1025ASS200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Specifications
Model / Part No.
HUSMR1010ASS200 / 0B29689
HUSMR1050ASS200 / 0B29688
HUSMR1025ASS200 / 0B29687
HUSMR1010ASS201 / 0B29692
HUSMR1050ASS201 / 0B29691
HUSMR1025ASS201 / 0B29690
HUSMR1010ASS204 / 0B30148
HUSMR1050ASS204 / 0B30147
HUSMR1025ASS204 / 0B30146
HUSMR1010ASS205 / 0B30268
HUSMR1050ASS205 / 0B30267
HUSMR1025ASS205 / 0B30266
Configuration
Interface
SAS 12Gb/s
Capacity (GB1) at 512 bytes/sector
1000 / 500 / 250
Form factor
2.5-inch
Flash memory technology
Multi Level Cell (MLC)
Performance
Read throughput (max MB/s, sequential
64K)
1200
Write throughput (max MB/s, sequential 64K) 700
Read IOPS (max IOPS, random 4K)
145,000
Write IOPS (max IOPS, random 4K)
20,000
Reliability
Error rate (non-recoverable, bits read)
1 in 1017
MTBF2 (M hours)
2.0
Availability (hrs/day x days/wk)
24x7
Endurance (max PB1, random write)
3.7 / 1.8 / 0.9
Power
Requirement
+5 VDC (+/-5%)
+12VDC (+/-5%)
Operating (W)
9.0 and 11.0
Idle (W)
2.2 / 2.1 / 2.1
Physical
z-height (mm, max)
15.0
Dimensions (width x depth, mm)
70.1 x 100.6
Weight (g, typical)
164
Environmental (operating)
Ambient temperature
0o to 60o C
Shock (half-sine wave)
1000G (0.5ms)
500G (2ms)
Vibration, random (G RMS)
2.16, all axes (5 to 700 Hz)
Ultrastar® SSD1000MR
DATA SHEET
ENTERPRISE SOLID-STATE DRIVES
1
One gigabyte (GB) is equal to one billion bytes, one terabyte (TB) is equal to 1,000GB
(one trillion bytes), and one petabyte (PB) is equal to 1,000TB (one quadrillion bytes)
when referring to solid-state drive or hard drive capacity. Accessible capacity will
vary from the stated capacity due to formatting and partitioning of the drive, the
computer’s operating system, and other factors.
2
MTBF target is based on a sample population and is estimated by statistical
measurements and acceleration algorithms under nominal operating conditions.
MTBF ratings are not intended to predict an individual drive’s reliability. MTBF does not
constitute a warranty.
How to Read the Ultrastar Model Number
HUSMR1010ASS200 = 1000GB, SAS 12Gb/s
H = HGST
U = Ultrastar
S
= Standard
MR = Multi level cell, read intensive (2DW/D)
10 = Full capacity (1000GB)
10 = Capacity of this model
(10 = 1000GB, 50 = 500GB, 25 = 250GB)
A = Generation code
S
= Small form factor (vs. L for Large FF)
S2 = Interface, SAS 12Gb/s
0 = Reserved
0 = Crypto sanitize
(1 = TCG encryption, 4 = No encryption,
5 = TCG + FIPS certified encryption)
DS29-EN-US-0815-02
© 2014-2015 HGST, a Western Digital company, 3403 Yerba Buena Road, San Jose, CA 95135
USA. Produced in the United States 8/14, revised 8/15. All rights reserved.
Ultrastar is a registered trademark of HGST, Inc. and its affiliates in the United States and/or other
countries.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional
information. HGST shall not be liable to third parties for unauthorized use of this document or
unauthorized use of its trademarks.
References in this publication to HGST’s products, programs or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website www.hgst.com/support for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners


Similar Part No. - HUSMR1025ASS200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HUSMR1610ASS200 ETC2-HUSMR1610ASS200 Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1610ASS201 ETC2-HUSMR1610ASS201 Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1610ASS204 ETC2-HUSMR1610ASS204 Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1610ASS205 ETC2-HUSMR1610ASS205 Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1616ASS200 ETC2-HUSMR1616ASS200 Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
More results

Similar Description - HUSMR1025ASS200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1600MR ETC2-SSD1600MR Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH ETC2-SSD800MH Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1600MM ETC2-SSD1600MM Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S846-MICRO ETC2-S846-MICRO Datasheet
159Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S842 ETC2-S842 Datasheet
151Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH.B ETC2-SSD800MH.B Datasheet
308Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MM ETC2-SSD800MM Datasheet
313Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S841 ETC2-S841 Datasheet
249Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
Kingston Technology Far...
SEDC500R KINGSTON-SEDC500R Datasheet
1Mb / 2P
   DATA CENTER DC500 ENTERPRISE SOLID-STATE DRIVES (SSDS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com