Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0B27396 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 0B27396
Description  ENTERPRISE SOLID-STATE DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0B27396 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  0B27396 Datasheet HTML 1Page - List of Unclassifed Manufacturers 0B27396 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Specifications
Model / Part No.
HUSSL4040BSS600 / 0B27397
HUSSL4040BSS601 / 0B27447
HUSSL4020BSS600 / 0B27396
HUSSL4020BSS601 / 0B27446
HUSSL4010BSS600 / 0B27395
HUSSL4010BSS601 / 0B27445
Configuration
Interface
SAS 6Gb/s
Capacity (GB)1
400 / 200 / 100
Form factor
2.5-inch SSD
Flash memory technology
Single-level cell (SLC)
Performance
Read Throughput (max MB/s, sequential 64K)
536
Write Throughput (max MB/s, sequential 64K)
502
Read IOPS (max IOPS, random 4K)
57,500
Write IOPS (max IOPS, random 4K)
25,500
Reliability
Error rate (non-recoverable, bits read)
1 in 1016
MTBF2 (M hours)
2.0
Availability (hrs/day x days/wk)
24x7
Endurance (max PB1, random write)
35 / 18 / 9
Power
Requirement
+5 VDC (+/-5%)
+12 VDC (+/-5%)
Operating, (W, typical)
5.5
Idle (W)
1.7
Power consumption efficiency (IOPS/Watt)
8,360
Physical size
z-height (mm)
15.0
Dimensions (width x depth, mm)
70.1 x 100.6
Weight (g, max)
222
Environmental (operating)
Ambient temperature
0o to 60o C
Shock (half-sine wave)
1000G (0.5ms)
500G (2ms)
Vibration (G RMS)
2.16, all axes
5 to 700 Hz
Environmental (non-operating)
Ambient temperature
-55o to 95o C
Shock (half-sine wave)
1000G (0.5ms)
500G (2ms)
100G (11ms)
Vibration, random (G RMS)
3.13, all axes
5 to 800 Hz
Ultrastar® SSD400S.B
DATA SHEET
ENTERPRISE SOLID-STATE DRIVES
1
One gigabyte (GB) is equal to one billion bytes when referring to hard drive and SSD
capacity. One terabyte (TB) equals 1,000GB, and one petabyte (PB) equals 1,000TB.
Accessible capacity will vary depending on the operating environment and formatting.
2
MTBF target is based on a sample population and is estimated by statistical measurements
and acceleration algorithms under nominal operating conditions. MTBF ratings are not
intended to predict an individual drive’s reliability. MTBF does not constitute a warranty.
© 2012 HGST, a Western Digital company, 3403 Yerba Buena Road, San Jose, CA 95135 USA.
Produced in the United States 1/12, rev. 8/12, 8/15. All rights reserved.
Ultrastar is a registered trademark of HGST, a Western Digital company.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for
additional information. HGST shall not be liable to third parties for unauthorized use of this document
or unauthorized use of its trademarks.
References in this publication to HGST’s products, programs, or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website, www.hgst.com/support, for additional information on
product specifications. Photographs may show design models.
DSUSSLB4012EN-03
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners
How to read the Ultrastar model number
HUSSL4040BSS600 = 400GB, SAS 6Gb/s
H = HGST
U = Ultrastar
S = Standard
SL = Single-level cell (NAND)
40 = Full capacity — 400GB
40 = Capacity this model, 40 = 400GB
(20 = 200GB, 10 = 100GB)
A = Generation code
S = Small Form Factor (vs. L for Large FF)
S6 = Interface, SAS 6Gb/s
0 = Reserved
0 = Reserved (1= TCG Encryption)


Similar Part No. - 0B27396

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0B2358AP ETC2-0B2358AP Datasheet
365Kb / 9P
   Current Mode PWM Power Switch Freq Shuffling
More results

Similar Description - 0B27396

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1600MR ETC2-SSD1600MR Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH ETC2-SSD800MH Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1000MR ETC2-SSD1000MR Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1600MM ETC2-SSD1600MM Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S846-MICRO ETC2-S846-MICRO Datasheet
159Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S842 ETC2-S842 Datasheet
151Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH.B ETC2-SSD800MH.B Datasheet
308Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MM ETC2-SSD800MM Datasheet
313Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S841 ETC2-S841 Datasheet
249Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
Kingston Technology Far...
SEDC500R KINGSTON-SEDC500R Datasheet
1Mb / 2P
   DATA CENTER DC500 ENTERPRISE SOLID-STATE DRIVES (SSDS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com