Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-211 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # CL-211
Description  Infrared Emitting Diodes(GaAlAs)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

CL-211 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  CL-211 Datasheet HTML 1Page - KODENSHI_AUK CORP. CL-211 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
CL-211
Infrared Emitting Diodes(GaAlAs)
KODENSHI
The CL-211 is a high-power GaAlAs IRED mounted in
a durable, hermetically sealed TO-18 metal can
package. The output power is high compared to GaAs
IREDs.
FEATURES
•High output power
•High reliability
APPLICATIONS
•Optical switches
•Transportation sensors
DIMENSIONS
(Unit : mm)
Forward voltage
Reverse current
Peak emission wavelength
Spectral bandwidth
Radiant intensity
Half angle
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
IF=20mA
VR=4V
IF=20mA
IF=20mA
IF=20mA
Item
Typ.
1.3
870
45
90
±12
VF
IR
λp
Δλ
PO
Δθ
1.6
10
V
μ
A
nm
nm
mV
deg.
Symbol
Conditions
Min.
Max.
Unit.
Rating
Symbol
Item
MAXIMUM RATINGS
Reverse voltage
Forward current
Power dissipation
Pulse forward current *1
Operating temp.
Storage temp.
Soldering temp. *2
VR
IF
PD
IFP
Topr.
Tstg.
Tsol.
4
50
70
0.5
-30~+85
-40~+100
260
V
mA
mW
A
Unit
(Ta=25℃)
*1. pulse width :tw ≦100 μ
sec.period :T=10msec.
*2. For MAX.5 seconds at the position of 2 mm from the package


Similar Part No. - CL-211

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
Amphenol Corporation
CL-21 AMPHENOL-CL-21 Datasheet
68Kb / 4P
   UL Approval (UL 1434 File# E82830)
CL-21 AMPHENOL-CL-21 Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-21 ETC-CL-21 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
Amphenol Corporation
CL-210 AMPHENOL-CL-210 Datasheet
68Kb / 4P
   UL Approval (UL 1434 File# E82830)
More results

Similar Description - CL-211

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTE1261 PERKINELMER-VTE1261 Datasheet
40Kb / 2P
   GaAlAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
CL-205 KODENSHI-CL-205 Datasheet
182Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
logo
PerkinElmer Optoelectro...
VTE3373LA PERKINELMER-VTE3373LA Datasheet
29Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281F PERKINELMER-VTE1281F Datasheet
24Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281W-1 PERKINELMER-VTE1281W-1 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1285 PERKINELMER-VTE1285 Datasheet
27Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1291W-1 PERKINELMER-VTE1291W-1 Datasheet
33Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE7172 PERKINELMER-VTE7172 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
logo
Hitachi Semiconductor
HE8807SG HITACHI-HE8807SG Datasheet
25Kb / 5P
   GaAlAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
CL-1KL3 KODENSHI-CL-1KL3 Datasheet
201Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
CL-203 KODENSHI-CL-203 Datasheet
200Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com