Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2192IDGKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2192IDGKT
Description  Low Input Bias Current Op Amp
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2192IDGKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2192IDGKT Datasheet HTML 6Page - Texas Instruments OPA2192IDGKT Datasheet HTML 7Page - Texas Instruments OPA2192IDGKT Datasheet HTML 8Page - Texas Instruments OPA2192IDGKT Datasheet HTML 9Page - Texas Instruments OPA2192IDGKT Datasheet HTML 10Page - Texas Instruments OPA2192IDGKT Datasheet HTML 11Page - Texas Instruments OPA2192IDGKT Datasheet HTML 12Page - Texas Instruments OPA2192IDGKT Datasheet HTML 13Page - Texas Instruments OPA2192IDGKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
OPA192, OPA2192, OPA4192
SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
6.8 Electrical Characteristics: VS = ±2.25 V to ±4 V (VS = +4.5 V to +8 V)
At TA = +25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
±5
±25
VCM = (V+) – 3 V
TA = 0°C to 85°C
±8
±50
µV
TA = –40°C to +125°C
±10
±75
VOS
Input offset voltage
(V+) – 3.5 V < VCM < (V+) – 1.5 V
See Common-Mode Voltage Range section
±10
±40
VCM = (V+) – 1.5 V
TA = 0°C to 85°C
±25
±150
µV
TA = –40°C to +125°C
±50
±250
TA = 0°C to 85°C
±0.1
±0.5
VCM = (V+) – 3 V,
D packages only
TA = –40°C to +125°C
±0.15
±0.8
dVOS/dT
Input offset voltage drift
TA = 0°C to 85°C
±0.1
±0.8
µV/°C
VCM = (V+) – 3 V,
DBV, DGK, and PW packages only T
A = –40°C to +125°C
±0.2
±1.1
VCM = (V+) – 1.5 V, TA = –40°C to +125°C
±0.5
±3
Power-supply rejection
PSRR
TA = –40°C to +125°C, VCM = VS / 2 – 0.75 V
±1
µV/V
ratio
INPUT BIAS CURRENT
±5
±20
pA
IB
Input bias current
TA = –40°C to +125°C
±5
nA
±2
±20
pA
IOS
Input offset current
TA = –40°C to +125°C
±2
nA
NOISE
(V–) – 0.1 V < VCM < (V+) – 3 V, f = 0.1 Hz to 10 Hz
1.30
En
Input voltage noise
µVPP
(V+) – 1.5 V < VCM < (V+) + 0.1 V, f = 0.1 Hz to 10 Hz
4
f = 100 Hz
10.5
(V–) – 0.1 V < VCM < (V+) – 3 V
f = 1 kHz
5.5
en
Input voltage noise density
nV/
√Hz
f = 100 Hz
32
(V+) – 1.5 V < VCM < (V+) + 0.1 V
f = 1 kHz
12.5
in
Input current noise density
f = 1 kHz
1.5
fA/
√Hz
INPUT VOLTAGE
Common-mode voltage
VCM
(V–) – 0.1
(V+) + 0.1
V
range
94
110
(V–) – 0.1 V < VCM < (V+) – 3 V
TA = –40°C to +125°C
90
104
dB
Common-mode rejection
CMRR
100
120
ratio
(V+) – 1.5 V < VCM < (V+)
TA = –40°C to +125°C
84
100
(V+) – 3 V < VCM < (V+) – 1.5 V
See Typical Characteristics
INPUT IMPEDANCE
ZID
Differential
100 || 1.6
M
Ω || pF
1013
Ω ||
ZIC
Common-mode
1 || 6.4
pF
OPEN-LOOP GAIN
110
120
(V–) + 0.6 V < VO < (V+) – 0.6 V,
RLOAD = 2 kΩ
TA = –40°C to +125°C
100
114
AOL
Open-loop voltage gain
dB
110
126
(V–) + 0.3 V < VO < (V+) – 0.3 V,
RLOAD = 10 kΩ
TA = –40°C to +125°C
110
120
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192


Similar Part No. - OPA2192IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
OPA2192 TI-OPA2192 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192 TI1-OPA2192 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA2192-Q1 TI1-OPA2192-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA2192QDGKRQ1 TI1-OPA2192QDGKRQ1 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
More results

Similar Description - OPA2192IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
OPA191 TI1-OPA191 Datasheet
2Mb / 45P
[Old version datasheet]   Low Offset Voltage, Low Input Bias Current Op Amp
logo
Linear Technology
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LTC6268-10 LINER-LTC6268-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LTC6268 LINER-LTC6268_15 Datasheet
496Kb / 24P
   500MHz Ultra-Low Bias Current FET Input Op Amp
LTC6269 LINER-LTC6269_15 Datasheet
496Kb / 24P
   500MHz Ultra-Low Bias Current FET Input Op Amp
LTC6269-10 LINER-LTC6269-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
logo
Maxim Integrated Produc...
MAX40242 MAXIM-MAX40242 Datasheet
531Kb / 12P
   20V, Low Input Bias-Current, Low-Noise, Dual Op Amp
2018
logo
Texas Instruments
OPA396 TI-OPA396 Datasheet
2Mb / 30P
[Old version datasheet]   OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com