Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BOXER-6403-A03-1010 Datasheet(PDF) 1 Page - AAEON Technology

Part # BOXER-6403-A03-1010
Description  low power consumption cpu
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

BOXER-6403-A03-1010 Datasheet(HTML) 1 Page - AAEON Technology

  BOXER-6403-A03-1010 Datasheet HTML 1Page - AAEON Technology BOXER-6403-A03-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
08-3
Note: All specifications are subject to change without notice.
08
Features
Specifications
BOXER-6403
Slim, Palm-sized, Fanless Box: 20mm
4 Digital Input & 2 Digital Output Support Dry Contact & Wet Contact
HDMI Output
Seamless Communication for WiFi, 3G, 4G, GPS, Bluetooth, and
ZigBee
Aluminum Die Casting Enclosure
Low Power Consumption CPU
Compact Embedded Box PC with Intel® Celeron®/ Atom™ Processor SoC
CPU
Intel® Celeron®/ Atom™ Processor SoC
Chipset
System Memory
DDR3L 1333 SODIMM X 1, up to 8 GB
Display
Interface
VGA
DVI
HDMI
HDMI x 1
Others
18/24-bit single channel Onboard LVDS x 1 (internal)
Storage
Device
CF-SATA
HDD/SSD
Others
mSATA (half-size) Space
Network
LAN
Intel® Gigabit Ethernet
Wireless
Optional
Front I/O
USB Port
USB 3.0 x 1, USB 2.0 x 3
LAN
Serial Port
DIO
DIO x 6 (DI x 4, DO x 2, w/o isolation)
Audio
KB/MS
Others
Power Button x 1
Rear I/O
USB Port
LAN
RJ-45 x 2
Serial Port
RJ-45 x 2 for RS-232/422/485 (BIOS selection)
DIO
Audio
KB/MS
Others
Lockable DC jack x 1, HDMI x 1
Expansion
PCIe
PCI
Mini-Card
Half Mini-Card x 1 (mSATA only), Full Mini-Card x 1 w/ SIM slot (Mini-Card
w/ SIM)
Mini PCI
Others
One USB 2.0 pin header on board, LPC connector onboard, LVDS x 1
Indicator
Front
Rear
Power Requirement
DC 12V input with lockable connector
ATX mode (optional for AT by Jumper/BIOS setting)
Power Consumption
System Cooling
Passive
Mounting
VESA / Din-rail (Wall / Din-rail kit)
Operating Temperature
-22°F ~ 140°F (-30°C ~ 60°C) w/ 0.5 m/s airflow
Storage Temperature
-22°F ~ 176°F (-30°C ~ 80°C) 5 ~ 95% @ 40°C, non-condensing
Anti-Vibration
3 Grms/ 5 ~ 500Hz/ operation (mSATA)
Anti-Shock
20 G peak acceleration (11 msec. duration, mSATA)
MTBF (Hours)
94,101
Certification
EMC
CE /FCC Class A
Safety
Dimension (W x H x D)
6.22" x 3.74" x 0.79" (158 mm x 95 mm x 20 mm)
Gross Weight
2.56 lb (1.16 kg)
Note
Windows® 10, Windows® 8.1, Windows® 7, Windows® Embedded 8,
Windows® Embedded 7, Linux Federa
Front View
Rear View
RS-232/422/485 x 2
LAN x 2
Antenna Hole
Power Input
DIO
HDMI
USB 2.0 x 3
USB 3.0 x 1
Power Button


Similar Part No. - BOXER-6403-A03-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
BOXER-6404 AAEON-BOXER-6404 Datasheet
305Kb / 2P
   Compact Embedded Box PC with LAN x 4, HDMI x 2, Intel® Celeron® J1900/N2807 Processor SoC
2022/07/21
BOXER-6404-A1-1210 AAEON-BOXER-6404-A1-1210 Datasheet
305Kb / 2P
   Compact Embedded Box PC with LAN x 4, HDMI x 2, Intel® Celeron® J1900/N2807 Processor SoC
2022/07/21
BOXER-6404-A2-1210 AAEON-BOXER-6404-A2-1210 Datasheet
305Kb / 2P
   Compact Embedded Box PC with LAN x 4, HDMI x 2, Intel® Celeron® J1900/N2807 Processor SoC
2022/07/21
BOXER-6404-A3-1210 AAEON-BOXER-6404-A3-1210 Datasheet
305Kb / 2P
   Compact Embedded Box PC with LAN x 4, HDMI x 2, Intel® Celeron® J1900/N2807 Processor SoC
2022/07/21
BOXER-6404-A4-1210 AAEON-BOXER-6404-A4-1210 Datasheet
305Kb / 2P
   Compact Embedded Box PC with LAN x 4, HDMI x 2, Intel® Celeron® J1900/N2807 Processor SoC
2022/07/21
More results

Similar Description - BOXER-6403-A03-1010

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com