Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2132UG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2132UG4
Description  High-Speed FET-Input Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2132UG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2132UG4 Datasheet HTML 7Page - Texas Instruments OPA2132UG4 Datasheet HTML 8Page - Texas Instruments OPA2132UG4 Datasheet HTML 9Page - Texas Instruments OPA2132UG4 Datasheet HTML 10Page - Texas Instruments OPA2132UG4 Datasheet HTML 11Page - Texas Instruments OPA2132UG4 Datasheet HTML 12Page - Texas Instruments OPA2132UG4 Datasheet HTML 13Page - Texas Instruments OPA2132UG4 Datasheet HTML 14Page - Texas Instruments OPA2132UG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
V+
V–
100kΩ
OPA132 single op amp only.
Use offset adjust pins only to null
offset voltage of op amp—see text.
Trim Range: ±4mV typ
OPA132
6
7
8
4
3
2
1
10nF
10nF
OPA132, OPA2132, OPA4132
www.ti.com
SBOS054B – JANUARY 1995 – REVISED SEPTEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The OPAx132 series operational amplifiers are unity-gain stable and suitable for a wide range of general-
purpose applications. Power supply pins should be bypassed with 10-nF ceramic capacitors or larger.
The OPAx132 series operational amplifiers are free from unexpected output phase reversal common with FET
operational amplifiers. Many FET-input operational amplifiers exhibit phase-reversal of the output when the input
common-mode voltage range is exceeded. This can occur in voltage-follower circuits, causing serious problems
in control loop applications. The OPAx132 series of operational amplifiers are free from this undesirable
behavior. All circuitry is completely independent in dual and quad versions, assuring normal behavior when one
amplifier in a package is overdriven or short-circuited.
8.1.1 Operating Voltage
The OPAx132 series of operation amplifiers operate with power supplies from ±2.5 V to ±18 V with excellent
performance. Although specifications are production tested with ±15 V supplies, most behavior remains
unchanged throughout the full operating voltage range. Parameters which vary significantly with operating
voltage are shown in the Typical Characteristics section.
8.1.2 Offset Voltage Trim
Offset voltage of the OPAx132 series of amplifiers is laser trimmed and usually requires no user adjustment. The
OPAx132 amplifier (single op amp version) provides offset voltage trim connections on pins 1 and 8. Offset
voltage can be adjusted by connecting a potentiometer as shown in Figure 18. This adjustment should be used
only to null the offset of the operational amplifier, not to adjust system offset or offset produced by the signal
source. Nulling offset could degrade the offset voltage drift behavior of the operational amplifier. While it is not
possible to predict the exact change in drift, the effect is usually small.
Figure 18. OPAx132 Offset Voltage Trim Circuit
8.1.3 Input Bias Current
The FET-inputs of the OPAx132 series provide very low input bias current and cause negligible errors in most
applications. For applications where low input bias current is crucial, junction temperature rise should be
minimized. The input bias current of FET-input operational amplifiers increases with temperature as shown in
Figure 5.
The OPAx132 series may be operated at reduced power supply voltage to minimize power dissipation and
temperature rise. Using ±3 V supplies reduces power dissipation to one-fifth that at ±15 V.
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA132 OPA2132 OPA4132


Similar Part No. - OPA2132UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2132U BURR-BROWN-OPA2132U Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132U BURR-BROWN-OPA2132U Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132U BURR-BROWN-OPA2132U Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132U/2K5 BURR-BROWN-OPA2132U/2K5 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132U/2K5 BURR-BROWN-OPA2132U/2K5 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2132UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132 BURR-BROWN-OPA2132 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
   J-FET Input Operational Amplifiers
logo
Texas Instruments
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081 TI-TL081_V01 Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com