Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA171AIDRLT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA171AIDRLT
Description  Single-Supply, SOT553, General-Purpose Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171AIDRLT Datasheet(HTML) 4 Page - Texas Instruments

  OPA171AIDRLT Datasheet HTML 1Page - Texas Instruments OPA171AIDRLT Datasheet HTML 2Page - Texas Instruments OPA171AIDRLT Datasheet HTML 3Page - Texas Instruments OPA171AIDRLT Datasheet HTML 4Page - Texas Instruments OPA171AIDRLT Datasheet HTML 5Page - Texas Instruments OPA171AIDRLT Datasheet HTML 6Page - Texas Instruments OPA171AIDRLT Datasheet HTML 7Page - Texas Instruments OPA171AIDRLT Datasheet HTML 8Page - Texas Instruments OPA171AIDRLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
OPA171, OPA2171, OPA4171
SBOS516E – SEPTEMBER 2010 – REVISED JUNE 2015
www.ti.com
Pin Functions: OPA2171 (continued)
PIN
I/O
DESCRIPTION
NAME
DCU
DGK
D
V+
8
8
8
Positive (highest) supply
V–
4
4
4
Negative (lowest) supply
Pin Functions: OPA4171
PIN
I/O
DESCRIPTION
NAME
DCU
DGK
+IN A
3
3
I
Noninverting input
+IN B
5
5
I
Noninverting input
+IN C
10
10
I
Noninverting input
+IN D
12
12
I
Noninverting input
–IN A
2
2
I
Inverting input
–IN B
6
6
I
Inverting input
–IN C
9
9
I
Inverting input
–IN D
13
13
I
Inverting input
OUT A
1
1
O
Output
OUT B
7
7
O
Output
OUT C
8
8
O
Output
OUT D
14
14
O
Output
V+
4
4
Positive (highest) supply
V–
11
11
Negative (lowest) supply
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: OPA171 OPA2171 OPA4171


Similar Part No. - OPA171AIDRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171AIDRLT TI1-OPA171AIDRLT Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171AIDRLT TI1-OPA171AIDRLT Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171AIDRLT TI1-OPA171AIDRLT Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA171AIDRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com