Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP7704MT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7704MT
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7704MT Datasheet(HTML) 3 Page - Texas Instruments

  LMP7704MT Datasheet HTML 1Page - Texas Instruments LMP7704MT Datasheet HTML 2Page - Texas Instruments LMP7704MT Datasheet HTML 3Page - Texas Instruments LMP7704MT Datasheet HTML 4Page - Texas Instruments LMP7704MT Datasheet HTML 5Page - Texas Instruments LMP7704MT Datasheet HTML 6Page - Texas Instruments LMP7704MT Datasheet HTML 7Page - Texas Instruments LMP7704MT Datasheet HTML 8Page - Texas Instruments LMP7704MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
V
+
1
2
3
4
5
6
7
8
N/C
-IN
+IN
V
-
OUTPUT
N/C
N/C
+
-
OUT
V
-
IN+
V
+
IN-
+
-
1
2
3
5
4
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
5 Description (continued)
The LMP770x each have a rail-to-rail input stage that significantly reduces the CMRR glitch commonly
associated with rail-to-rail input amplifiers. This is achieved by trimming both sides of the complimentary input
stage, thereby reducing the difference between the NMOS and PMOS offsets. The output of the LMP770x
swings within 40 mV of either rail to maximize the signal dynamic range in applications requiring low supply
voltage.
The LMP7701 is offered in the space-saving 5-Pin SOT-23 and 8-Pin SOIC package. The LMP7702 is offered in
the 8-Pin SOIC and 8-Pin VSSOP package. The quad LMP7704 is offered in the 14-Pin SOIC and 14-Pin
TSSOP package. These small packages are ideal solutions for area constrained PC boards and portable
electronics.
6 Pin Configuration and Functions
LMP7701 DBV Package
LMP7701 D Package
5-Pin SOT-23
8-Pin SOIC
Top View
Top View
Pin Functions - LMP7701
PIN
I/O
DESCRIPTION
NAME
SOT-23
SOIC
IN+
3
3
I
Noninverting Input
IN–
4
2
I
Inverting Input
IN A +
I
Noninverting Input for Amplifier A
IN A
I
Inverting Input for Amplifier A
IN B+
I
Noninverting Input for Amplifier B
IN B
I
Inverting Input for Amplifier B
IN C+
I
Noninverting Input for Amplifier C
IN C
I
Inverting Input for Amplifier C
IN D+
I
Noninverting Input for Amplifier D
IN D
I
Inverting Input for Amplifier D
NC
1, 5, 8
No connection
OUT
1
6
O
Output
OUT A
O
Output for Amplifier A
OUT B
O
Output for Amplifier B
OUT C
O
Output for Amplifier C
OUT D
O
Output for Amplifier D
V+
5
7
P
Positive Supply
V
2
4
P
Negative Supply
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP7701 LMP7702 LMP7704


Similar Part No. - LMP7704MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7704MT NSC-LMP7704MT Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7704MT TI-LMP7704MT Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7704MT TI-LMP7704MT Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7704MTX NSC-LMP7704MTX Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7704MTX TI-LMP7704MTX Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
More results

Similar Description - LMP7704MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
Texas Instruments
LMP7707 TI-LMP7707_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMP7707/LMP7708/LMP7709 Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com