Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C131-25JI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C131-25JI
Description  1K x 8 Dual-Port Static Ram
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C131-25JI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C131-25JI Datasheet HTML 1Page - Cypress Semiconductor CY7C131-25JI Datasheet HTML 2Page - Cypress Semiconductor CY7C131-25JI Datasheet HTML 3Page - Cypress Semiconductor CY7C131-25JI Datasheet HTML 4Page - Cypress Semiconductor CY7C131-25JI Datasheet HTML 5Page - Cypress Semiconductor CY7C131-25JI Datasheet HTML 6Page - Cypress Semiconductor CY7C131-25JI Datasheet HTML 7Page - Cypress Semiconductor CY7C131-25JI Datasheet HTML 8Page - Cypress Semiconductor CY7C131-25JI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CY7C130/CY7C131
CY7C140/CY7C141
4
AC Test Loads and Waveforms
Switching Characteristics Over the Operating Range[6,11]
7C131-15[3,4]
7C141-15
7C130-25[3]
7C131-25
7C140-25
7C141-25
7C130-30
7C131-30
7C140-30
7C141-30
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
15
25
30
ns
tAA
Address to Data Valid[12]
15
25
30
ns
tOHA
Data Hold from Address Change
0
00
ns
tACE
CE LOW to Data Valid[12]
15
25
30
ns
tDOE
OE LOW to Data Valid[12]
10
15
20
ns
tLZOE
OE LOW to Low Z[9,13, 14]
3
33
ns
tHZOE
OE HIGH to High Z[9,13, 14]
10
15
15
ns
tLZCE
CE LOW to Low Z[9,13, 14]
3
55
ns
tHZCE
CE HIGH to High Z[9,13, 14]
10
15
15
ns
tPU
CE LOW to Power-Up[9]
0
00
ns
tPD
CE HIGH to Power-Down[9]
15
25
25
ns
WRITE CYCLE[15]
tWC
Write Cycle Time
15
25
30
ns
tSCE
CE LOW to Write End
12
20
25
ns
tAW
Address Set-Up to Write End
12
20
25
ns
tHA
Address Hold from Write End
2
22
ns
tSA
Address Set-Up to Write Start
0
00
ns
tPWE
R/W Pulse Width
12
15
25
ns
tSD
Data Set-Up to Write End
10
15
15
ns
tHD
Data Hold from Write End
0
00
ns
tHZWE
R/W LOW to High Z[14]
10
15
15
ns
tLZWE
R/W HIGH to Low Z[14]
0
00
ns
Notes:
11.
Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and output loading of the specified
IOL/IOH, and 30-pF load capacitance.
12. AC Test Conditions use VOH = 1.6V and VOL = 1.4V.
13. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
14. tLZCE, tLZWE, tHZOE, tLZOE, tHZCE and tHZWE are tested with CL = 5pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady state voltage.
15. The internal write time of the memory is defined by the overlap of CS LOW and R/W LOW. Both signals must be low to initiate a write and either signal can terminate
a write by going high. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write
3.0V
5V
OUTPUT
R1 893
R2
347
30 pF
INCLUDING
JIGAND
SCOPE
GND
90%
90%
10%
≤ 5ns
≤5ns
5V
OUTPUT
R1 893
R2
347
5pF
INCLUDING
JIGAND
SCOPE
(a)
(b)
OUTPUT
1.40V
Equivalent to:
THÉVENIN EQUIVALENT
5V
281
30
pF
BUSY
OR
INT
BUSY Output Load
(CY7C130/CY7C131 ONLY)
10%
C130-5
C130-6
ALL INPUT PULSES
250


Similar Part No. - CY7C131-25JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131-25JI CYPRESS-CY7C131-25JI Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C131-25JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com