Electronic Components Datasheet Search |
|
LMC7101AIM5X Datasheet(PDF) 5 Page - Texas Instruments |
|
LMC7101AIM5X Datasheet(HTML) 5 Page - Texas Instruments |
5 / 33 page LMC7101, LMC7101Q-Q1 www.ti.com SNOS719G – SEPTEMBER 1999 – REVISED SEPTEMBER 2015 6.5 Thermal Information LMC7101 THERMAL METRIC(1) DBV (SOT-23) UNIT 5 PINS RθJA Junction-to-ambient thermal resistance 170.9 °C/W RθJC(top) Junction-to-case (top) thermal resistance 124.7 °C/W RθJB Junction-to-board thermal resistance 30.8 °C/W ψJT Junction-to-top characterization parameter 17.7 °C/W ψJB Junction-to-board characterization parameter 30.2 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance n/a °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. 6.6 Electrical Characteristics: 2.7 V Unless otherwise specified, all limits specified for TJ = 25°C, V + = 2.7 V, V– = 0 V, V CM = VO = V + / 2 and R L > 1 MΩ. LMC7101AI LMC7101BI LMC7101Q-Q1(2) PARAMETER TEST CONDITIONS TYP(1) UNIT MIN MAX MIN MAX MIN MAX VOS Input offset voltage average drift 0.11 6 9 9 mV V+ = 2.7 V TCVOS Input offset voltage 1 μV/°C IB Input bias current –40°C ≤ TJ ≤ 125°C 1 64 64 1000 pA IOS Input offset current –40°C ≤ TJ ≤ 125°C 0.5 32 32 2000 pA RIN Input resistance >1 Tera Ω 0 V ≤ VCM ≤ 2.7 V CMRR Common-mode rejection ratio 70 55 50 50 dB V+ = 2.7 V 0 0 0 0 V Input common mode voltage VCM For CMRR ≥ 50 dB range 3 2.7 2.7 2.7 V V+ = 1.35 V to 1.65 V PSRR Power supply rejection ratio 60 50 45 45 dB V– = –1.35 V to –1.65 V VCM = 0 CIN Common-mode input capacitance 3 pF RL = 2 kΩ 2.45 2.15 2.15 2.15 VO Output swing, min V RL = 10 kΩ 2.68 2.64 2.64 2.64 RL = 2 kΩ 0.25 0.5 0.5 0.5 VO Output swing, max V RL = 10 kΩ 0.025 0.06 0.06 0.06 0.5 0.81 0.81 0.81 IS Supply current mA –40°C ≤ TJ ≤ 125°C 0.5 0.95 0.95 0.95 SR Slew rate(3) 0.7 V/ μs GBW Gain-bandwidth product 0.6 MHz (1) Typical values represent the most likely parametric normal. (2) When operated at temperature between –40°C and 85°C, the LMC7101Q-Q1 will meet LMC7101BI specifications. (3) V+ = 15 V. Connected as a voltage follower with a 10-V step input. Number specified is the slower of the positive and negative slew rates. RL = 100 kΩ connected to 7.5 V. Amplifier excited with 1 kHz to produce VO = 10 VPP. Copyright © 1999–2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LMC7101 LMC7101Q-Q1 |
Similar Part No. - LMC7101AIM5X |
|
Similar Description - LMC7101AIM5X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |