Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7332MM Datasheet(PDF) 10 Page - Texas Instruments

Part # LM7332MM
Description  Operational Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7332MM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM7332MM Datasheet HTML 6Page - Texas Instruments LM7332MM Datasheet HTML 7Page - Texas Instruments LM7332MM Datasheet HTML 8Page - Texas Instruments LM7332MM Datasheet HTML 9Page - Texas Instruments LM7332MM Datasheet HTML 10Page - Texas Instruments LM7332MM Datasheet HTML 11Page - Texas Instruments LM7332MM Datasheet HTML 12Page - Texas Instruments LM7332MM Datasheet HTML 13Page - Texas Instruments LM7332MM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
0
1
2
3
4
5
-600
-400
-200
0
200
400
600
800
1000
1200
1400
VCM (V)
-40°C
25°C
125°C
85°C
VS = 5V
0
5
10
15
20
25
30
35
40
VS (V)
800
900
1000
1100
1200
1300
-40°C
25°C
85°C
125°C
VCM = V
-
+ 0.5V
0
10
20
30
40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VS (V)
-40°C
25°C
85°C
125°C
0
10
20
30
40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VS (V)
-40°C
25°C
85°C
125°C
-5
0
5
10
15
20
35
VCM (V)
-0.5
0
0.5
1
1.5
2
25
30
VS = 30V
25°C
-40°C
85°C
125°C
0
10
20
30
40
-1.5
-1.4
-1.3
-1.2
-1.1
-1.1
-1
-0.9
-0.8
-0.7
-0.6
VS (V)
-40°C
25°C
85°C
125°C
LM7332
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, TA = 25°C.
Figure 7. VOS vs VCM (Unit 3)
Figure 8. VOS vs VS (Unit 1)
Figure 9. VOS vs VS (Unit 2)
Figure 10. VOS vs VS (Unit 3)
Figure 12. IBIAS vs Supply Voltage
Figure 11. IBIAS vs VCM
10
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: LM7332


Similar Part No. - LM7332MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7332MM NSC-LM7332MM Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LM7332MME NSC-LM7332MME Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LM7332MMX NSC-LM7332MMX Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
More results

Similar Description - LM7332MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com