Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM10CWM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM10CWM
Description  Operational Amplifier and Voltage Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM10CWM Datasheet(HTML) 3 Page - Texas Instruments

  LM10CWM Datasheet HTML 1Page - Texas Instruments LM10CWM Datasheet HTML 2Page - Texas Instruments LM10CWM Datasheet HTML 3Page - Texas Instruments LM10CWM Datasheet HTML 4Page - Texas Instruments LM10CWM Datasheet HTML 5Page - Texas Instruments LM10CWM Datasheet HTML 6Page - Texas Instruments LM10CWM Datasheet HTML 7Page - Texas Instruments LM10CWM Datasheet HTML 8Page - Texas Instruments LM10CWM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LM10
www.ti.com
SNOSBH4E – MAY 1998 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
NEV Package
P Package
8-Pin SDIP
8-Pin PDIP
Top View
Top View
Pin Functions — 8-Pin SDIP or PDIP
PIN
I/O
DESCRIPTION
NAME
NO.
Balance
5
I
Used for offset nulling
Op Amp Input (+)
3
I
Noninverting input of operational amplifier
Op Amp Input (–)
2
I
Inverting input of operational amplifier
Op Amp Output
6
O
Output terminal of operational amplifier
Reference Feedback
8
I
Feedback terminal of reference
Reference Output
1
O
Output terminal of reference
V+
7
I
Positive supply voltage
V–
4
I
Negative supply voltage
NPA Package
14-Pin SOIC
Top View
Pin Functions — 14-Pin SOIC
PIN
I/O
DESCRIPTION
NAME
NO.
Balance
9
I
Used for offset nulling
NC
1, 2, 7, 8, 14, 13
No connection
Op Amp Input (–)
4
I
Inverting input of operational amplifier
Op Amp Input (+)
5
I
Noninverting input of operational amplifier
Op Amp Output
10
O
Output terminal of operational amplifier
Reference Feedback
12
I
Feedback terminal of reference
Reference Output
3
O
Output terminal of reference
V+
11
I
Positive supply voltage
V–
6
I
Negative supply voltage
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM10


Similar Part No. - LM10CWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10CWM NSC-LM10CWM Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
LM10CWM NSC-LM10CWM Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10CWM TI-LM10CWM Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10CWM NSC-LM10CWM Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
LM10CWMNOPB NSC-LM10CWMNOPB Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
More results

Similar Description - LM10CWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
   Triple Operational Amplifier and Voltage Reference
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com