Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM8261M5 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM8261M5
Description  Single RRIO High Output Current & Unlimited Cap Load Op Amp
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8261M5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM8261M5_15 Datasheet HTML 5Page - Texas Instruments LM8261M5_15 Datasheet HTML 6Page - Texas Instruments LM8261M5_15 Datasheet HTML 7Page - Texas Instruments LM8261M5_15 Datasheet HTML 8Page - Texas Instruments LM8261M5_15 Datasheet HTML 9Page - Texas Instruments LM8261M5_15 Datasheet HTML 10Page - Texas Instruments LM8261M5_15 Datasheet HTML 11Page - Texas Instruments LM8261M5_15 Datasheet HTML 12Page - Texas Instruments LM8261M5_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LM8261
www.ti.com
SNOS469J – APRIL 2000 – REVISED JANUARY 2015
6.7 Electrical Characteristics ±15 V
(1)
Unless otherwise specified, all limited guaranteed for TA = 25°C, V
+ = 15 V, V= −15 V, V
CM = 0 V, VO = 0 V, and RL > 1 MΩ
to 0 V.
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX(3)
UNIT
+/
−0.7
+/
−7
VCM = −14.5 V & VCM =
VOS
Input Offset Voltage
mV
14.5 V
−65°C ≤ TJ ≤ +150°C
+/
− 9
TC VOS Input Offset Average Drift
VCM = −14.5 V & VCM = 14.5 V
(4)
+/
−2
µV/°C
−1.05
−2.00
VCM = −14.5 V
(5)
−65°C ≤ TJ ≤ +150°C
−2.80
IB
Input Bias Current
µA
+0.49
+1.00
VCM = 14.5 V
(5)
−65°C ≤ TJ ≤ +150°C
+1.50
30
275
VCM = −14.5 V & VCM =
IOS
Input Offset Current
nA
14.5 V
−65°C ≤ TJ ≤ +150°C
550
100
84
VCM stepped from −15 V
to 13 V
−65°C ≤ TJ ≤ +150°C
80
CMRR
Common Mode Rejection Ratio
VCM stepped from 14 V to 15 V
100
dB
88
74
VCM stepped from −15 V
to 15 V
−65°C ≤ TJ ≤ +150°C
72
100
70
Positive Power Supply Rejection
+PSRR
V+ = 12 V to 15 V
dB
Ratio
−65°C ≤ TJ ≤ +150°C
66
100
70
Negative Power Supply Rejection
−PSRR
V=
−12 V to −15 V
dB
Ratio
−65°C ≤ TJ ≤ +150°C
66
−15.3
−15.1
V
−65°C ≤ TJ ≤ +150°C
−15.0
Input Common-Mode Voltage
CMVR
CMRR > 50 dB
Range
15.3
15.1
V
−65°C ≤ TJ ≤ +150°C
15.0
85
78
VO = 0 V to ±13 V,
RL = 10 KΩ
−65°C ≤ TJ ≤ +150°C
74
AVOL
Large Signal Voltage Gain
dB
79
72
VO = 0 V to ±13 V,
RL = 2 KΩ
−65°C ≤ TJ ≤ +150°C
66
14.83
14.65
RL = 10 KΩ
−65°C ≤ TJ ≤ +150°C
14.61
Output Swing High
V
14.73
14.60
RL = 2 KΩ
−65°C ≤ TJ ≤ +150°C
14.55
VO
−14.91
−14.75
RL = 10 KΩ
−65°C ≤ TJ ≤ +150°C
−14.65
Output Swing Low
V
−14.83
−14.65
RL = 2 KΩ
−65°C ≤ TJ ≤ +150°C
−14.60
60
40
Sourcing to ground
VID = 200 mV
(6) (7)
−65°C ≤ TJ ≤ +150°C
25
ISC
Output Short Circuit Current
mA
100
70
Sinking to ground
VID = 200 mV
(6) (7)
−65°C ≤ TJ ≤ +150°C
60
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA.
(2)
Typical Values represent the most likely parametric norm.
(3)
All limits are guaranteed by testing or statistical analysis.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
(6)
Production Short Circuit test is a momentary test. See Note 7.
(7)
Allowable Output Short Circuit duration is infinite for VS ≤ 6 V at room temperature and below. For VS > 6 V, allowable short circuit
duration is 1.5 ms.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM8261


Similar Part No. - LM8261M5_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8261M5/NOPB TI1-LM8261M5/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
logo
National Semiconductor ...
LM8261M5X NSC-LM8261M5X Datasheet
915Kb / 19P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
logo
Texas Instruments
LM8261M5X TI-LM8261M5X Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM8261M5X TI1-LM8261M5X Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
LM8261M5X/NOPB TI1-LM8261M5X/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
More results

Similar Description - LM8261M5_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8262 NSC-LM8262 Datasheet
255Kb / 10P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
SM73301 TI1-SM73301 Datasheet
672Kb / 22P
[Old version datasheet]   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
[Old version datasheet]   Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8261M5 TI-LM8261M5 Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
[Old version datasheet]   Dual RRIO, High Output Current & Unlimited Cap Load
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
OPA994 TI1-OPA994 Datasheet
3Mb / 43P
[Old version datasheet]   OPAx994 32V, Rail-to-Rail Input and Output, 24MHz, 125mA Output Current Op Amp With Unlimited Capacitive Load Drive
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com