Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM2402-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # ALM2402-Q1
Description  Dual Op-amp with High Current Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ALM2402-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  ALM2402-Q1_15 Datasheet HTML 1Page - Texas Instruments ALM2402-Q1_15 Datasheet HTML 2Page - Texas Instruments ALM2402-Q1_15 Datasheet HTML 3Page - Texas Instruments ALM2402-Q1_15 Datasheet HTML 4Page - Texas Instruments ALM2402-Q1_15 Datasheet HTML 5Page - Texas Instruments ALM2402-Q1_15 Datasheet HTML 6Page - Texas Instruments ALM2402-Q1_15 Datasheet HTML 7Page - Texas Instruments ALM2402-Q1_15 Datasheet HTML 8Page - Texas Instruments ALM2402-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ALM2402-Q1
www.ti.com
SLOS912D – FEBRUARY 2015 – REVISED JULY 2015
7.4 Recommended Operating Conditions
TA= 25°C
MIN
MAX
UNIT
TJ
Junction Temperature
-40
150
°C
TA
Ambient Temperature
-40
125
Continuous output current (sourcing)
400
IOUT
(1)
mA
Continuous output current (sinking)
400
VIH_OTF
OTF input high voltage (Opamp "On" or full operation state)
1.0
VIL_OTF
OTF input low voltage (Opamp "Off" or shutdown state)
0.35
VIN(X)
Positive and negative input to GND voltage
0
7
V
VOTF
Over Temperature Flag pin maximum Voltage
2
5
VCC
Input Vcc
4.5
16
VCC_O(X)
Output Vcc
3
16
(1)
Current Limit must taken into consideration when choosing maximum output current
7.5 Electrical Characteristics
VOTF = 5 V, VCC = VCC_O1 = VCC_O2 = 5 V and 12 V; TA = –40°C to 125°C; Typical Values at TA = 25°C, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input Offset Voltage (1)
VICM = Vcc/2, RL = 10 kΩ
1
15
mV
IIB
Input Bias Current (1)
VICM = Vcc/2
1.5
100
nA
IIOS
Input Offset Current (1)
VICM = Vcc/2
30
nA
Input Common Mode Range (1)
VCC = 5.0
0.2
Vcc-1.2
V
VICM
VCC = 12.0 V
0.2
7
Total Supply Current (both
IO = 0 A
5
15
mA
ICC
amplifiers)(1)
VOTF = 0V
0.5(2)
Positive Output Swing
VCC = VCC_O(X) = 5.0 V; VICM = Vcc/2; ISINK = 200 mA
4.7
4.87
V
VID = 100 mV
ISINK = 100 mA
4.85
4.94
Vo
Negative Output Swing
VCC = VCC_O(X) = 5.0 V; VICM = Vcc/2; ISOURCE = 200 mA
200
425
mV
VID = 100 mV
ISOURCE = 100 mA
100
200
Over Temp. Fault and
157
165
175
°C
OTF
Shutdown(3)
VOL_OTF
Over Temp. Fault low voltage
Rpullup = 2.5 k
Ω, Vpullup = 5.0 V
450
mV
Short to Supply Limit (low-side
550
mA
limit)(4)
ILIMIT
Short to Ground Limit (high-side
750
limit)(1)(4)
PSRR
Power Supply Rejection Ratio(1)
VCC = 5.0 V to 12 V, RL = 10 kΩ, VICM = Vcc/2, VO = Vcc/2
65
90
dB
Common Mode Rejection
45
90
CMRR
VICM = VICM(min) to VICM(max), RL = 10 kΩ, VO = Vcc/2
dB
Ratio(1)
AVD
DC Voltage Gain(1)
RL = 10 k
Ω, VICM = Vcc/2, VO = 0.3 V to Vcc-1.5
70
90
dB
(1)
Tested and verified in closed loop negative feedback configuration.
(2)
Verified by design.
(3)
Please see refer to Absolute Maximum Ratings table for maximum junction temperature recommendations.
(4)
This is the static current limit. It can be temporarily higher in applications due to internal propagation delay.
7.6 AC Characteristics
TJ= –40°C to 125°C; Typical Values at TA = TJ = 25°C; VCC = VCC_O1 = VCC_O2 = 5.0 V and 12 V; VICM=VCC/2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GBW
Gain Bandwidth
CL=15 pF RL=10 kΩ
600
KHz
PM
Phase Margin
CL=200 nF RL= 50 Ω
50
°
GM
Gain Margin
CL=200 nF RL= 50 Ω
17
dB
SR
Slew Rate
G = +1; CL=50 pF; 3 V step
0.17
V/us
AV = 2 V/V, RL = 100 Ω, Vo = 8 Vpp, Vcc = 12
-80
dB
THD + N
Total Harmonic Distortion + Noise
V, F = 1 kHz, VICM = Vcc/2
en
Input Voltage Noise Density
Vcc = 5 V, F = 1kHz, VICM = Vcc/2
110
nV/
√HZ
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ALM2402-Q1


Similar Part No. - ALM2402-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ALM2402-Q1 TI1-ALM2402-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   The ALM2402-Q1 is a dual high voltage
More results

Similar Description - ALM2402-Q1_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6672 NSC-LMH6672 Datasheet
599Kb / 14P
   Dual, High Output Current, High Speed Op Amp
logo
Texas Instruments
LMH6672 TI1-LMH6672 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6672 Dual, High Output Current, High Speed Op Amp
logo
Analog Devices
AD842 AD-AD842_17 Datasheet
400Kb / 17P
   Wideband, High Output Current Fast Settling Op Amp
AD842 AD-AD842 Datasheet
475Kb / 10P
   Wideband, High Output Current, Fast Settling Op Amp
REV. E
AD842 AD-AD842_15 Datasheet
360Kb / 16P
   Wideband, High Output Current Fast Settling Op Amp
Rev. F
logo
Texas Instruments
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
[Old version datasheet]   Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
logo
Anaren Microwave
MSK2541 ANAREN-MSK2541 Datasheet
453Kb / 7P
   DUAL HIGH POWER OP-AMP
logo
Linear Technology
LTC6091 LINER-LTC6091_15 Datasheet
545Kb / 22P
   Dual 140V, Rail-to-Rail Output, Picoamp Input Current Op Amp
logo
Analog Devices
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
   Dual Rail-to-Rail Output Op Amp
REV. C
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541 Datasheet
327Kb / 6P
   DUAL HIGH POWER OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com