Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEC-6402 Datasheet(PDF) 2 Page - AAEON Technology

Part # AEC-6402
Description  aluminum Enclosure
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AEC-6402 Datasheet(HTML) 2 Page - AAEON Technology

  AEC-6402 Datasheet HTML 1Page - AAEON Technology AEC-6402 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AEC-6402
Optional Accessories
M276401000
Anti-Heat Kit
1700090156
RJ-45 to COM Cable
1700190500
Mini HDMI to HDMI Cable
1757306007
Power Adapter
9741640101
Din Rail Mount Kit
9741640100
VESA Mount Kit
Packing List
RJ-45 to COM cable x 2
Mini HDMI to HDMI Cable x 1
Power Adapter x 1
Product CD
AEC-6402
Ordering Information
Part Number
CPU
RAM
LAN
USB 2.0
CAN ( 2-pins ) RS-232/422/485
Storage
Display
Expansion
Mounting
Power
Operation Temp.
AEC-6402-A1-1110
Intel® Atom™ N2600
Up to 2 GB 2
2
1
2
mSATA bay x 1
Mini HDMI WiFi b/g/n (optional)
Din Rail/VESA 75
12V DC in
0°C ~ 50°C ( with airflow )
AEC-6402-A2-1110
Intel® Atom™ N2600
Up to 2 GB 2
2
1
2
mSATA bay x 1
Mini HDMI WiFi b/g/n (buil-in)
Din Rail/VESA 75
12V DC in
0°C ~ 50°C ( with airflow )
AEC-6402-A3-1010
Intel® Atom™ N2600
Up to 2 GB 2
2
0
2
mSATA bay x 1
Mini HDMI WiFi b/g/n (optional)
Din Rail/VESA 75
12V DC in
0°C ~ 50°C ( with airflow )
AEC-6402-A4-1010
Intel® Atom™ N2600
Up to 2 GB 2
2
0
2
mSATA bay x 1
Mini HDMI WiFi b/g/n (buil-in)
Din Rail/VESA 75
12V DC in
0°C ~ 50°C ( with airflow )
08-24
www.aaeon.com
Note: All specifications are subject to change without notice.
Dimension
Unit: mm


Similar Part No. - AEC-6402

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6401 AAEON-AEC-6401 Datasheet
115Kb / 1P
   World?셲 Slimmest Fanless Boxer: Compact Design: (board 120x 72mm, System 125 x 77 x 20mm )
AEC-6401-A1-1010 AAEON-AEC-6401-A1-1010 Datasheet
115Kb / 1P
   World?셲 Slimmest Fanless Boxer: Compact Design: (board 120x 72mm, System 125 x 77 x 20mm )
More results

Similar Description - AEC-6402

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-11735 SPARKFUN-PRT-11735 Datasheet
91Kb / 1P
   Enclosure - Aluminum (112x60x31mm)
11/23/2015
PRT-13838 SPARKFUN-PRT-13838 Datasheet
144Kb / 2P
   Enclosure - Aluminum (120x94.5x34mm)
9??8??7
PRT-13839 SPARKFUN-PRT-13839 Datasheet
142Kb / 2P
   Enclosure - Aluminum (112x61x31mm)
9??8??7
logo
Altech corporation
AL55-3 ALTECH-AL55-3 Datasheet
66Kb / 1P
   ALUMINUM ENCLOSURE AL 553
AL1212-8 ALTECH-AL1212-8 Datasheet
100Kb / 1P
   ALUMINUM ENCLOSURE AL 1212-8
AL1308-6 ALTECH-AL1308-6 Datasheet
96Kb / 1P
   ALUMINUM ENCLOSURE AL 1308-6
AL1808-6 ALTECH-AL1808-6 Datasheet
100Kb / 1P
   ALUMINUM ENCLOSURE AL 1808-6
AL2823-11 ALTECH-AL2823-11 Datasheet
99Kb / 1P
   ALUMINUM ENCLOSURE AL 2823-11
AL1010-8 ALTECH-AL1010-8 Datasheet
94Kb / 1P
   ALUMINUM ENCLOSURE AL 1010-8
AL2212-8 ALTECH-AL2212-8 Datasheet
101Kb / 1P
   ALUMINUM ENCLOSURE AL 2212-8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com