Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JX075B Datasheet(PDF) 3 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JX075B
Description  Sensitive gate SCRs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JX075B Datasheet(HTML) 3 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JX075B Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JX075B Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JX075B Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JX075B Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JX075B Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd JX075B Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
JX075 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 3 / 6-
http://www.jjwdz.com
PACKAGE MECHANICAL DATA
A
C2
C
A2
E
B2
G
B
B3
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
A2
B
B2
B3
C
C2
D
E
G
H
L
L1
2.20
0.90
0.55
5.10
2.40
1.20
0.65
5.40
0.086
0.035
0.022
0.200
0.095
0.047
0.026
0.213
0.76
0.85
0.48
6.40
6.70
0.252
0.264
16.0
17.0
0.630
0.669
8.90
9.40
0.350
0.370
0.030
0.033
0.45
0.62
2.30
0.091
L2
V1
1.37
1.50
0.054
0.059
0.018
0.024
0.62
0.019
0.024
6.00
6.20
0.236
0.244
1.80
1.90
0.071
0.075
TO-251
A
C2
E
B2
A2
C
G
B
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
A2
B
B2
C
C2
D
E
G
H
L1
2.20
0.03
0.55
5.10
2.40
0.23
0.65
5.40
0.086
0.001
0.022
0.200
0.095
0.009
0.026
0.213
0.48
6.40
6.70
0.252
0.264
9.35
10.6
0.368
0.417
0.45
0.62
L2
V1
1.37
1.50
0.054
0.059
0.018
0.024
0.62
0.019
0.024
6.00
6.20
0.236
0.244
1.30
1.70
0.051
0.067
4.40
4.70
0.173
0.185
V2
V2
TO-252


Similar Part No. - JX075B

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JX00-0027NL PULSE-JX00-0027NL Datasheet
624Kb / 4P
   CONN,RJ45,1X1,100D,1:1,TU
JX00-0112NL PULSE-JX00-0112NL Datasheet
976Kb / 2P
   LAN Product Guide - Servers
JX0011D21BNL PULSE-JX0011D21BNL Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
JX0011D21BNL PULSE-JX0011D21BNL Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
JX0011D21NL PULSE-JX0011D21NL Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
More results

Similar Description - JX075B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
1PT06E-T NELLSEMI-1PT06E-T Datasheet
189Kb / 4P
   Sensitive gate SCRs, 1A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com