Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JST374H Datasheet(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JST374H
Description  Triac Chip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JST374H Datasheet(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JST374H Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JST374H 高结温型三象限双向晶闸管芯片
(芯片代码:CP308)
○ 芯片特征:单面台面结构,台面玻璃钝化工艺,背面三层金属电极。
○ 芯片尺寸:
3.74mm×3.74mm
○ 可替换型号:
BCR12PM
JST374H 芯片结构图 单位(um)
○ 产品电性能(封装成 TO-220 后,除非另有规定,TCASE =25℃)
特性和测试条件
单 位
20
35
50
通态峰值电压
ITM=17A,tp=380uS
VTM
≤1.55
V
正向断态峰值电流
TC=25℃
VD=VDRM
TC=150℃
IDRM1
IDRM2
≤5
≤1.5
uA
mA
反向断态峰值电流
TC=25℃
VR=VRRM
TC=150℃
IRRM1
IRRM2
≤5
≤1.5
uA
mA
门极触发电压
VD=12V, RL=30Ω
VGT
≤1.5
V
门极不触发电压
VD=VDRM, RL=3.3KΩ,
Tj=150℃
VGD
≥0.2
V
门极触发电流
VD=12V, RL=30Ω
IGT(Ⅰ-Ⅱ-Ⅲ)
≤20
≤35
≤50
mA
擎住电流
IG= 1.2IGT
IL(Ⅰ-Ⅲ)
≤40
≤50
≤70
mA
IL(Ⅱ)
≤55
≤70
≤100
维持电流
IT=0.2A
IH
≤30
≤45
≤60
mA
换向电压临界上升率
VD=400V
T(vj)=150℃
(di/dt)c=-5.3A/ms
(dV/dt)c
≥5
≥15
≥20
V/uS
T1
G
T2
○产品极限参数(封装成 TO-220F 后,除非另有规定,TCASE =25℃)
参数名称
符 号
单 位
结温范围
Tj
-40~150
正向断态重复峰值电压
VDRM
600/800
V
反向断态重复峰值电压
VRRM
600/800
V
通态均方根电流
TC=113℃
ITRMS
12
A
通态浪涌电流
tp=20mS
ITSM
120
A
tp=16.7mS
126
I2t 值
tp=10mS
I2t
72
A2S
通态电流临界上升率
IG=2×IGT,tr≤100ns, F=100Hz
dI/dt
50
A/uS
门极峰值电流
Tj=150℃
IGM
2
A
门极平均功率
Tj=150℃
PGAV
1
W


Similar Part No. - JST374H

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST320H JIEJIE-JST320H Datasheet
186Kb / 1P
   Triac Chip
More results

Similar Description - JST374H

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST320H JIEJIE-JST320H Datasheet
186Kb / 1P
   Triac Chip
JST120 JIEJIE-JST120 Datasheet
218Kb / 1P
   Triac Chip
JST240 JIEJIE-JST240 Datasheet
196Kb / 1P
   Triac Chip
JST260H JIEJIE-JST260H Datasheet
185Kb / 1P
   Triac Chip
JST55 JIEJIE-JST55 Datasheet
223Kb / 1P
   Triac Chip
JST25 JIEJIE-JST25 Datasheet
253Kb / 1P
   Triac Chip
JST260D JIEJIE-JST260D Datasheet
202Kb / 1P
   Triac Chip
logo
Central Semiconductor C...
CQ92BT CENTRAL-CQ92BT Datasheet
73Kb / 2P
   Triac 12 Amp, 600 Volt Triac Chip
CPQ165 CENTRAL-CPQ165 Datasheet
36Kb / 1P
   TRIAC 25 Amp, 600 Volt TRIAC Chip
CPQ090 CENTRAL-CPQ090 Datasheet
127Kb / 2P
   TRIAC 4.0 Amp, 600 Volt TRIAC Chip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com