Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCT810H Datasheet(PDF) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT810H
Description  10A SCRs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JCT810H Datasheet(HTML) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JCT810H Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT810H Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT810H Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT810H Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT810H Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT810H Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
JCT610/810 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 5 / 6-
http://www.jjwdz.com
PACKAGE MECHANICAL DATA
A
C2
C
A2
E
B2
G
B
B3
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
A2
B
B2
B3
C
C2
D
E
G
H
L
L1
2.20
0.90
0.55
5.10
2.40
1.20
0.65
5.40
0.086
0.035
0.022
0.200
0.095
0.047
0.026
0.213
0.76
0.85
0.48
6.40
6.70
0.252
0.264
16.0
17.0
0.630
0.669
8.90
9.40
0.350
0.370
0.030
0.033
0.45
0.62
2.30
0.091
L2
V1
1.37
1.50
0.054
0.059
0.018
0.024
0.62
0.019
0.024
6.00
6.20
0.236
0.244
1.80
1.90
0.071
0.075
TO-251
A
C2
E
B2
A2
C
G
B
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
A2
B
B2
C
C2
D
E
G
H
L1
2.20
0.03
0.55
5.10
2.40
0.23
0.65
5.40
0.086
0.001
0.022
0.200
0.095
0.009
0.026
0.213
0.48
6.40
6.70
0.252
0.264
9.35
10.6
0.368
0.417
0.45
0.62
L2
V1
1.37
1.50
0.054
0.059
0.018
0.024
0.62
0.019
0.024
6.00
6.20
0.236
0.244
1.30
1.70
0.051
0.067
4.40
4.70
0.173
0.185
V2
V2
TO-252


Similar Part No. - JCT810H

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JCT820 JIEJIE-JCT820 Datasheet
214Kb / 1P
   SCR Chip
JCT825I JIEJIE-JCT825I Datasheet
273Kb / 4P
   Storage junction temperature range
JCT830A JIEJIE-JCT830A Datasheet
342Kb / 5P
   30A SCRs
JCT830B JIEJIE-JCT830B Datasheet
342Kb / 5P
   30A SCRs
JCT840 JIEJIE-JCT840 Datasheet
220Kb / 1P
   SCR Chip
More results

Similar Description - JCT810H

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TYN690 TGS-TYN690 Datasheet
338Kb / 1P
   10A SCRs
logo
Nell Semiconductor Co.,...
10PT NELLSEMI-10PT_14 Datasheet
377Kb / 5P
   Stansard SCRs, 10A
10PT06AI NELLSEMI-10PT06AI Datasheet
146Kb / 5P
   Stansard SCRs, 10A
10PT NELLSEMI-10PT Datasheet
335Kb / 5P
   Stansard SCRs, 10A
logo
Thinki Semiconductor Co...
MCR310-10G THINKISEMI-MCR310-10G Datasheet
586Kb / 3P
   SENSITIVE & STANDARD(10A SCRs)
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com