Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCT1025 Datasheet(PDF) 6 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT1025
Description  25A SCRs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JCT1025 Datasheet(HTML) 6 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JCT1025 Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1025 Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1025 Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1025 Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1025 Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1025 Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
JCT1025/1225 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 6 / 6-
http://www.jjwdz.com
FIG.6: Relative variations of gate trigger
current, holding current and latching current
versus junction temperature
FIG.5: Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp<10ms, and
corresponging value of I t (dI/dt < 50A/
μs)
tp(ms)
0.01
0.1
1
10
10
ITSM (A), I t (A s)
-40
-20
0
20
40
60
80 100
120
140
IGT,IH,IL(Tj)/IGT,IH,IL(Tj=25℃)
0.0
0.5
1.5
2.0
3.0
2
2
2
1.0
2.5
Tj(℃)
IGT
1000
100
3000
IH&IL
dI/dt
I t
2
ITSM
Information furnished in this document is believed to be accurate and reliable.
However, Jiangsu JieJie Microelectronics Co.,Ltd assumes no responsibility for the
consequences of use without consideration for such information nor use beyond it.
Information mentioned in this document is subject to change without notice, apart
from that when an agreement is signed, Jiangsu JieJie complies with the agreement.
Products and information provided in this document have no infringement of patents.
Jiangsu JieJie assumes no responsibility for any infringement of other rights of third
parties which may result from the use of such products and information.
This document is the second version which is made in 20-Nov.-2014. This document
supersedes and replaces all information previously supplied.
is a registered trademark of Jiangsu JieJie Microelectronics Co.,Ltd.
Copyright
©2014 Jiangsu JieJie Microelectronics Co.,Ltd. Printed All rights reserved.


Similar Part No. - JCT1025

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JCT100 JIEJIE-JCT100 Datasheet
273Kb / 2P
   SCR Chip
JCT100-16 JIEJIE-JCT100-16 Datasheet
273Kb / 2P
   SCR Chip
JCT100-18 JIEJIE-JCT100-18 Datasheet
273Kb / 2P
   SCR Chip
JCT100-20 JIEJIE-JCT100-20 Datasheet
273Kb / 2P
   SCR Chip
JCT1031 JIEJIE-JCT1031 Datasheet
205Kb / 1P
   SCR Chip
More results

Similar Description - JCT1025

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TYN625 TGS-TYN625 Datasheet
70Kb / 1P
   25A SCRs
logo
JIEJIE MICROELECTRONICS...
TYN625 JIEJIE-TYN625 Datasheet
575Kb / 6P
   25A SCRs
JCT625 JIEJIE-JCT625 Datasheet
608Kb / 5P
   25A SCRs
SCF25C60 JIEJIE-SCF25C60 Datasheet
461Kb / 4P
   25A SCRs
logo
STMicroelectronics
TN25 STMICROELECTRONICS-TN25 Datasheet
93Kb / 7P
   25A SCRs
TYNX25 STMICROELECTRONICS-TYNX25 Datasheet
93Kb / 7P
   25A SCRs
TN25 STMICROELECTRONICS-TN25_06 Datasheet
91Kb / 7P
   25A SCRS
logo
JIEJIE MICROELECTRONICS...
JCT1625 JIEJIE-JCT1625 Datasheet
367Kb / 5P
   25A SCRs
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT_14 Datasheet
2Mb / 5P
   Stansard SCRs, 25A
25PT NELLSEMI-25PT Datasheet
1Mb / 6P
   Stansard SCRs, 25A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com