Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCT1025 Datasheet(PDF) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT1025
Description  25A SCRs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JCT1025 Datasheet(HTML) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JCT1025 Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1025 Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1025 Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1025 Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1025 Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1025 Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
JCT1025/1225 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 5 / 6-
http://www.jjwdz.com
PACKAGE MECHANICAL DATA
A
E
G
B
C
C2
Φ
Max
3.
5m
m
C3
L2
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
B
C
C2
C3
D
E
F
G
H
L1
L2
L3
4.40
0.74
0.48
2.40
4.80
0.83
0.75
2.70
0.173
0.029
0.019
0.094
0.189
0.033
0.030
0.106
2.60
3.00
9.70
28.0
29.8
1.102
1.173
1.14
1.70
0.045
0.067
0.102
0.118
8.80
9.30
2.54
0.1
V1
0.346
0.366
10.3
0.382
0.406
6.40
7.00
0.252
0.276
3.30
0.130
45°
3.63
0.143
0.80
0.031
45°
TO-220F
FIG.3: Surge peak on-state current versus
number of cycles
FIG.1 Maximum power dissipation versus RMS
on-state current
FIG.4: On-state characteristics (maximum
values)
FIG.2: RMS on-state current versus case
temperature
IT(RMS) (A)
P(w)
0
5
10
15
20
25
0
IT(RMS) (A)
Tc (℃)
0
0
25
50
75
100
125
1
10
100
1000
Number of cycles
0
50
ITSM (A)
ITM (A)
VTM (V)
0
1
2
3
4
5
1
10
20
25
30
100
150
200
6
12
24
30
36
5
10
TO-220A/
TO-220F
TO-220B/
TO-220C
250
300
350
100
18
15
300
Tj=25℃
Tj=125℃
α=180°
One cycle
tp=10ms


Similar Part No. - JCT1025

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JCT100 JIEJIE-JCT100 Datasheet
273Kb / 2P
   SCR Chip
JCT100-16 JIEJIE-JCT100-16 Datasheet
273Kb / 2P
   SCR Chip
JCT100-18 JIEJIE-JCT100-18 Datasheet
273Kb / 2P
   SCR Chip
JCT100-20 JIEJIE-JCT100-20 Datasheet
273Kb / 2P
   SCR Chip
JCT1031 JIEJIE-JCT1031 Datasheet
205Kb / 1P
   SCR Chip
More results

Similar Description - JCT1025

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TYN625 TGS-TYN625 Datasheet
70Kb / 1P
   25A SCRs
logo
JIEJIE MICROELECTRONICS...
TYN625 JIEJIE-TYN625 Datasheet
575Kb / 6P
   25A SCRs
JCT625 JIEJIE-JCT625 Datasheet
608Kb / 5P
   25A SCRs
SCF25C60 JIEJIE-SCF25C60 Datasheet
461Kb / 4P
   25A SCRs
logo
STMicroelectronics
TN25 STMICROELECTRONICS-TN25 Datasheet
93Kb / 7P
   25A SCRs
TYNX25 STMICROELECTRONICS-TYNX25 Datasheet
93Kb / 7P
   25A SCRs
TN25 STMICROELECTRONICS-TN25_06 Datasheet
91Kb / 7P
   25A SCRS
logo
JIEJIE MICROELECTRONICS...
JCT1625 JIEJIE-JCT1625 Datasheet
367Kb / 5P
   25A SCRs
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT_14 Datasheet
2Mb / 5P
   Stansard SCRs, 25A
25PT NELLSEMI-25PT Datasheet
1Mb / 6P
   Stansard SCRs, 25A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com