Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5EZ-PRR203T Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E5EZ-PRR203T
Description  Digital Temperature Controllers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5EZ-PRR203T Datasheet(HTML) 5 Page - Omron Electronics LLC

  E5EZ-PRR203T Datasheet HTML 1Page - Omron Electronics LLC E5EZ-PRR203T Datasheet HTML 2Page - Omron Electronics LLC E5EZ-PRR203T Datasheet HTML 3Page - Omron Electronics LLC E5EZ-PRR203T Datasheet HTML 4Page - Omron Electronics LLC E5EZ-PRR203T Datasheet HTML 5Page - Omron Electronics LLC E5EZ-PRR203T Datasheet HTML 6Page - Omron Electronics LLC E5EZ-PRR203T Datasheet HTML 7Page - Omron Electronics LLC E5EZ-PRR203T Datasheet HTML 8Page - Omron Electronics LLC E5EZ-PRR203T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
E5CZ/E5CZ-U
5
Specifications
Ratings
Power supply voltage
100 to 240 VAC, 50/60 Hz
24 VAC, 50/60 Hz or 24 VDC
Operating voltage range
85% to 110% of rated supply voltage
Power con-
sumption
E5CZ
7.5 VA
5.5 VA (24 VAC)/3.5 W (24 VDC)
E5CZ-U
6 VA
4.5 VA (24 VAC)/2.5 W (24 VDC)
Sensor input
Models with temperature inputs
Thermocouple: K, J, T, E, L, U, N, R, S, or B
Platinum resistance thermometer: Pt100 or JPt100
Infrared temperature sensor: 10 to 70
°C, 60 to 120°C, 115 to 165°C, or 140 to 260°C
Voltage input: 0 to 50 mV
Models with analog inputs
Current input: 4 to 20 mA or 0 to 20 mA
Voltage input: 1 to 5 V, 0 to 5 V, or 0 to 10 V
Input impedance
Current input: 150
Ω, Voltage input: 1 MΩ (Use a 1:1 connection when connecting the ES2-HB.)
Control
output
Relay output
E5CZ
SPST-NO, 250 VAC, 3 A (resistive load), electrical life: 100,000 operations, minimum applicable
load: 5 V, 10 mA
E5CZ-U
SPDT, 250 VAC, 3 A (resistive load), electrical life: 100,000 operations, minimum applicable load:
5 V, 10 mA
Voltage output
(for driving
SSR)
E5CZ
E5CZ-U
Output voltage: 12 VDC
±15% (PNP), max. load current: 21 mA, with short-circuit protection circuit
Current output
E5CZ
4 to 20 mA DC/0 to 20 mA DC, load: 600
Ω max., resolution: approx. 2,700
Alarm output
SPST-NO, 250 VAC, 1 A (resistive load), electrical life: 100,000 operations, minimum applicable load: 5 V,
10 mA
Event input
Contact input
ON: 1 k
Ω max., OFF: 100 kΩ min.
Non-contact
input
ON: Residual voltage: 1.5 V max., OFF: Leakage current: 0.1 mA max.
Outflow current: Approx. 7 mA per point
Control method
ON/OFF control or 2-PID control (with auto-tuning)
Setting method
Digital setting using front panel keys
Indication method
11-segment digital display and individual indicators (7-segments displays also possible)
Character height: PV: 11 mm, SV: 6.5 mm
Other functions
Manual output, heating/cooling control, transfer output (on some models), loop break alarm, multi SP, MV
limiter, input digital filter, self-tuning, temperature input shift, run/stop, protection functions, etc.
Ambient operating
temperature
−10 to 55°C (with no icing or condensation)
Ambient operating humidity
25% to 85%
Storage temperature
−25 to 65°C (with no icing or condensation)


Similar Part No. - E5EZ-PRR203T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5EC OMRON-E5EC Datasheet
12Mb / 112P
   Digital Temperature Controller
E5EC-T OMRON-E5EC-T Datasheet
12Mb / 112P
   Digital Temperature Controller
E5EK OMRON-E5EK Datasheet
694Kb / 36P
   Digital Controller
E5EK-AA2 OMRON-E5EK-AA2 Datasheet
694Kb / 36P
   Digital Controller
E5EK-AA2-500 OMRON-E5EK-AA2-500 Datasheet
694Kb / 36P
   Digital Controller
More results

Similar Description - E5EZ-PRR203T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
E5CN OMRON-E5CN Datasheet
778Kb / 24P
   Digital Temperature Controllers
E5GN OMRON-E5GN Datasheet
104Kb / 6P
   Digital Temperature Controllers
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
   DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
   Temperature Controllers
E5CS OMRON-E5CS Datasheet
1Mb / 10P
   Temperature Controllers
logo
Texas Instruments
UCD3040 TI-UCD3040_15 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
logo
Extech Instruments Corp...
48VFL11 EXTECH-48VFL11_15 Datasheet
134Kb / 1P
   Temperature PID Controllers
96VFL13 EXTECH-96VFL13_15 Datasheet
134Kb / 1P
   Temperature PID Controllers
48VFL11 EXTECH-48VFL11 Datasheet
134Kb / 1P
   Temperature PID Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com