Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3296P-1-100RLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3296P-1-100RLF
Description  3296 - 3/8 ??Square Trimming Potentiometer - Bourns
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3296P-1-100RLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3296P-1-100RLF Datasheet HTML 1Page - Bourns Electronic Solutions 3296P-1-100RLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SIDE ADJUST
3296X-1
18 ± .76
(.709 ± .030)
8.89 + .76 /- .51
(.350 + .030 /- .020)
28.07 ± .76
(1.105 ± .030)
3.81 ± .71
(.15 ± .028)
1
2
3
4.83 + .30/ -.25
(.190 + .012/ -.010)
2.41 ± .25
(.095 ± .010)
12.70
(.500)
REF.
12.7 + 0.3/ - 0.25
(.500 + .012/ - .010)
18 + 1.0/ - 0.5
(709 + .040/ - .020)
4.0 ± .03
(.157 ± .001)
DIA.
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
12.70
(.500)
TOP ADJUST
3296W-1
29.59 ± .76
(1.165 ± .030)
1
2
3
REF.
4.83 + .30/ -.25
(.190 + .012/ -.010)
2.41 ± .25
(.095 ± .010)
18 ± .76
(.709 ± .030)
4.0 ± .03
(.157 ± .001)
DIA.
12.7 + 0.3/ - 0.25
(.500 + .012/ - .010)
18 + 1.0/ - 0.5
(709 + .040/ - .020)
8.89 + .76 /- .51
(.350 + .030 /- .020)
3.81 ± .71
(.150 ± .028)
.51 ± .051
(020 ± .002)
DIA. TYP.
(.100)
2.54
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
Packaging Specifications
Meets EIA Specification 468.
3296 - 3/8 ” Square Trimming Potentiometer
REV. 06/04


Similar Part No. - 3296P-1-100RLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296P-1-102LF BOURNS-3296P-1-102LF Datasheet
404Kb / 2P
   Featured Products Bulletin
3296P-1-103LF BOURNS-3296P-1-103LF Datasheet
404Kb / 2P
   Featured Products Bulletin
More results

Similar Description - 3296P-1-100RLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296X-1-203 BOURNS-3296X-1-203 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-203 BOURNS-3296W-1-203 Datasheet
183Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296Y-1-104LF BOURNS-3296Y-1-104LF Datasheet
189Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296Y-1-101LF BOURNS-3296Y-1-101LF Datasheet
176Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296W-1-204 BOURNS-3296W-1-204 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296Z-1-102LF BOURNS-3296Z-1-102LF Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-100 BOURNS-3296W-1-100 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C197 AVAGO-HSMC-C197 Datasheet
188Kb / 10P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
logo
Bourns Electronic Solut...
3296X-1-103 BOURNS-3296X-1-103 Datasheet
183Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296W-1-500 BOURNS-3296W-1-500 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com