Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMS6006DGQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMS6006DGQ
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6006DGQ Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMS6006DGQ Datasheet HTML 1Page - Diodes Incorporated ZXMS6006DGQ Datasheet HTML 2Page - Diodes Incorporated ZXMS6006DGQ Datasheet HTML 3Page - Diodes Incorporated ZXMS6006DGQ Datasheet HTML 4Page - Diodes Incorporated ZXMS6006DGQ Datasheet HTML 5Page - Diodes Incorporated ZXMS6006DGQ Datasheet HTML 6Page - Diodes Incorporated ZXMS6006DGQ Datasheet HTML 7Page - Diodes Incorporated ZXMS6006DGQ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IntelliFET
® is a trademark of Diodes Incorporated, registered in the United States and other jurisdictions worldwide.
ZXMS6006DGQ
Document number: DS35142 Rev. 1 - 2
4 of 8
www.diodes.com
June 2014
© Diodes Incorporated
ZXMS6006DGQ
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Static Characteristics
Drain-Source Clamp Voltage
VDS(AZ)
60
65
70
V
ID = 10mA
Off State Drain Current
IDSS
1
µA
VDS = 12V, VIN = 0V
2
VDS = 36V, VIN = 0V
Input Threshold Voltage
VIN(th)
0.7
1
1.5
V
VDS = VGS, ID = 1mA
Input Current
IIN
60
100
μA
VIN = +3V
120
200
VIN = +5V
Input Current While Over Temperature Active
-
400
μA
VIN = +5V
Static Drain-Source On-State Resistance
RDS(on)
85
125
m
Ω
VIN = +3V, ID = 1A
75
100
VIN = +5V, ID = 1A
Continuous Drain Current (Note 5)
ID
2.0
A
VIN = 3V; TA = 25°C
2.2
VIN = 5V; TA = 25°C
Continuous Drain Current (Note 6)
2.6
VIN = 3V; TA = 25°C
2.8
VIN = 5V; TA = 25°C
Current Limit (Note 8)
ID(LIM)
4
8
A
VIN = +3V
6
13
VIN = +5V
Dynamic Characteristics
Turn On Delay Time
td(on)
8.6
μs
VDD = 12V, ID = 1A, VGS = 5V
Rise Time
tr
18
Turn Off Delay Time
td(off)
34
Fall Time
ff
15
Over-Temperature Protection
Thermal Overload Trip Temperature (Note 9)
TJT
150
175
°C
Thermal Hysteresis (Note 9)
ff
10
°C
Notes:
8.The drain current is restricted only when the device is in saturation (see graph ‘typical output characteristic’). This allows the device to be used in the fully
on state without interference from the current limit. The device is fully protected at all drain currents, as the low power dissipation generated outside
saturation makes current limit unnecessary.
9. Over-temperature protection is designed to prevent device destruction under fault conditions. Fault conditions are considered as “outside” normal
operating range, so this part is not designed to withstand over-temperature for extended periods..


Similar Part No. - ZXMS6006DGQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6006DGQ-13 DIODES-ZXMS6006DGQ-13 Datasheet
789Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
Rev. 1 - 2
More results

Similar Description - ZXMS6006DGQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6003G DIODES-ZXMS6003G Datasheet
789Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004FFQ DIODES-ZXMS6004FFQ Datasheet
421Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DT8Q DIODES-ZXMS6005DT8Q Datasheet
359Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6002G DIODES-ZXMS6002G Datasheet
675Kb / 10P
   60V N-Channel self protected enhancement mode
ZXMS6006SG DIODES-ZXMS6006SG Datasheet
249Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
DS35141 Rev. 1 - 2
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004DN8 DIODES-ZXMS6004DN8 Datasheet
424Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004N8 DIODES-ZXMS6004N8 Datasheet
717Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DGQ DIODES-ZXMS6005DGQ Datasheet
253Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6001N3 DIODES-ZXMS6001N3 Datasheet
205Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004DG DIODES-ZXMS6004DG Datasheet
485Kb / 10P
   60V N-channel self protected enhancement mode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com