Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMS6004SGQTA Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXMS6004SGQTA
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004SGQTA Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXMS6004SGQTA Datasheet HTML 1Page - Diodes Incorporated ZXMS6004SGQTA Datasheet HTML 2Page - Diodes Incorporated ZXMS6004SGQTA Datasheet HTML 3Page - Diodes Incorporated ZXMS6004SGQTA Datasheet HTML 4Page - Diodes Incorporated ZXMS6004SGQTA Datasheet HTML 5Page - Diodes Incorporated ZXMS6004SGQTA Datasheet HTML 6Page - Diodes Incorporated ZXMS6004SGQTA Datasheet HTML 7Page - Diodes Incorporated ZXMS6004SGQTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IntelliFET is a registered trademark of Diodes Incorporated.
ZXMS6004SGQ
Document number: DS33610 Rev. 1 - 2
7 of 8
www.diodes.com
April 2014
© Diodes Incorporated
ZXMS6004SGQ
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
A1
A
D
b
e
e1
b1
C
E1
L
0°-
10
°
Q
E
0.25
Seating
Plane
Gauge
Plane
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010 0.15
0.05
b
0.60
0.80
0.70
b1
2.90
3.10
3.00
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
-
-
4.60
e1
-
-
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions Value (in mm)
X1
3.3
X2
1.2
Y1
1.6
Y2
1.6
C1
6.4
C2
2.3
X2
C1
C2
X1
Y2
Y1


Similar Part No. - ZXMS6004SGQTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6004SG DIODES-ZXMS6004SG Datasheet
486Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004SGTA DIODES-ZXMS6004SGTA Datasheet
486Kb / 10P
   60V N-channel self protected enhancement mode
More results

Similar Description - ZXMS6004SGQTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6003G DIODES-ZXMS6003G Datasheet
789Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004FFQ DIODES-ZXMS6004FFQ Datasheet
421Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DT8Q DIODES-ZXMS6005DT8Q Datasheet
359Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6002G DIODES-ZXMS6002G Datasheet
675Kb / 10P
   60V N-Channel self protected enhancement mode
ZXMS6006SG DIODES-ZXMS6006SG Datasheet
249Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
DS35141 Rev. 1 - 2
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004DN8 DIODES-ZXMS6004DN8 Datasheet
424Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004N8 DIODES-ZXMS6004N8 Datasheet
717Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DGQ DIODES-ZXMS6005DGQ Datasheet
253Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6001N3 DIODES-ZXMS6001N3 Datasheet
205Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004DG DIODES-ZXMS6004DG Datasheet
485Kb / 10P
   60V N-channel self protected enhancement mode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com