Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMS6004DN8-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMS6004DN8-13
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004DN8-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMS6004DN8-13 Datasheet HTML 1Page - Diodes Incorporated ZXMS6004DN8-13 Datasheet HTML 2Page - Diodes Incorporated ZXMS6004DN8-13 Datasheet HTML 3Page - Diodes Incorporated ZXMS6004DN8-13 Datasheet HTML 4Page - Diodes Incorporated ZXMS6004DN8-13 Datasheet HTML 5Page - Diodes Incorporated ZXMS6004DN8-13 Datasheet HTML 6Page - Diodes Incorporated ZXMS6004DN8-13 Datasheet HTML 7Page - Diodes Incorporated ZXMS6004DN8-13 Datasheet HTML 8Page - Diodes Incorporated ZXMS6004DN8-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ZXMS6004DN8
Document number: DS38040 Rev. 2 - 2
1 of 9
www.diodes.com
August 2015
© Diodes Incorporated
ZXMS6004DN8
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
INTELLIFET
® MOSFET
Product Summary
Continuos Drain-Source Voltage: 60V
On-State Resistance: 500m
Nominal Load Current (VIN = 5V): 1.3A
Clamping Energy: 120mJ
Description
The ZXMS6004DN8 is a dual self-protected low side MOSFET with
logic
level
input.
It
integrates
over-temperature,
overcurrent,
overvoltage (active clamp) and ESD protected logic level functionality.
The ZXMS6004DN8 is ideal as a general purpose switch driven from
3.3V or 5V microcontrollers in harsh environments where standard
MOSFETs are not rugged enough.
Applications
Lamp Driver
Motor Driver
Relay Driver
Solenoid Driver
Features and Benefits
Low Input Current
Logic Level Input (3.3V and 5V)
Short Circuit Protection with Auto Restart
Overvoltage Protection (Active Clamp)
Thermal Shutdown with Auto Restart
Overcurrent Protection
Input Protection (ESD)
High Continuous Current Rating
Totally Lead-Free; RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SO-8
Case Material:
Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish
Weight: 79.1 mg (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXMS6004DN8-13
6004DN8
13
12
2,500 units
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
SO-8
Top View
Pin-Out
6004DN8 = Product name
Device Symbol
Top View
D2
S2
IN2
D1
S1
IN1
YY: Year
WW: Week: 01~52;
52 represents 52 and 53 week
S1
S2
IN2
IN1
D1
D1
D2
D2
Logo
Part No.
Pin 1.
6004DN8
YY WW
IntelliFET is a registered trademark of Diodes Incorporated.


Similar Part No. - ZXMS6004DN8-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6004DG DIODES-ZXMS6004DG Datasheet
485Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004DG DIODES-ZXMS6004DG Datasheet
485Kb / 10P
   60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004DGQ-13 DIODES-ZXMS6004DGQ-13 Datasheet
711Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET
Rev. 1 - 2
ZXMS6004DGQTA DIODES-ZXMS6004DGQTA Datasheet
435Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
More results

Similar Description - ZXMS6004DN8-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6003G DIODES-ZXMS6003G Datasheet
789Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004FFQ DIODES-ZXMS6004FFQ Datasheet
421Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DT8Q DIODES-ZXMS6005DT8Q Datasheet
359Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6002G DIODES-ZXMS6002G Datasheet
675Kb / 10P
   60V N-Channel self protected enhancement mode
ZXMS6006SG DIODES-ZXMS6006SG Datasheet
249Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
DS35141 Rev. 1 - 2
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004N8 DIODES-ZXMS6004N8 Datasheet
717Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DGQ DIODES-ZXMS6005DGQ Datasheet
253Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6001N3 DIODES-ZXMS6001N3 Datasheet
205Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004DG DIODES-ZXMS6004DG Datasheet
485Kb / 10P
   60V N-channel self protected enhancement mode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com