Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C25DRD315_ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # C25DRD315_
Description  Definite Purpose Contactors & Starters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C25DRD315_ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  C25DRD315_ Datasheet HTML 1Page - List of Unclassifed Manufacturers C25DRD315_ Datasheet HTML 2Page - List of Unclassifed Manufacturers C25DRD315_ Datasheet HTML 3Page - List of Unclassifed Manufacturers C25DRD315_ Datasheet HTML 4Page - List of Unclassifed Manufacturers C25DRD315_ Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
May 2007
6
For more information visit: www.eaton.com
CA03502001E
Definite Purpose Contactors & Starters
Contactors
15 – 360A, 2-, 3- and 4-Pole — C25
Product Selection
When Ordering Specify
Catalog Number plus Magnet Coil
Suffix, below.
Modify Catalog Number for any
options required — see Options,
Page 7.
Catalog Numbers of accessory kits
required, Page 7.
Table 11. Catalog Numbering System
Table 12. C25 Contactors Product Selection— Open Type
Incomplete Catalog Number. Replace under-
score (_) in Catalog Number with Magnet
Coil Suffix from table below.
Carton quantities including 20 individually
packaged units are available for 2- and 3-
pole units through 60A inductive.
Contactors with DC coils (only available up
to 75A) include an early break NC auxiliary
contact, C320KGD1. See Page 34 for more
details.
Available only for 15A through 75A contactors
and 4-pole contactors.
Available through 75A.
Available through 120A.
Available 120 – 360A.
Available 15 – 90A, others 240V.
Available through 50A.
Table 13. Magnet Coil Selection
104 – 120V 50/60 Hz for 60A, 75A and all
4-Pole Contactors (25A – 40A).
Class H AC Coils available as option for
15A – 50A Contactor. Add 2 before AC Coil
Suffix letter.
Incomplete
Catalog
Number
Magnet
Coil Suffix
Option
Code as
necessary
C25DND215
AX
Rating, Amperes
Maximum Motor
Horsepower
Maximum Motor
Kilowatts
Number
of Poles
Open Type with Metal
Mounting Plate
Open Type with DIN
Rail Adapter
Inductive
Full Load
Resistive
per Pole
Line
Voltage
Locked
Rotor
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
1-Phase
3-Phase
1-Phase
3-Phase
15
20
115
230
460
575
90
90
75
60
3/4
2
3
5
5
0.40
1.5
2.2
3.7
3.7
2
3
C25DND215_
C25DND315_
68.00
77.00
C25DRD215_
C25DRD315_
65.00
73.00
25
35
115
230
460
575
150
150
125
100
2
3
7-1/2
10
10
1.5
2.2
5.5
7.5
7.5
2
3
4
C25DND225_
C25DND325_
C25END425_
77.00
85.00
112.00
C25DRD225_
C25DRD325_
73.00
81.00
30
40
115
230
460
575
180
180
150
120
2
5
10
15
15
1.5
3.7
7.5
11
11
2
3
4
C25DND230_
C25DND330_
C25END430_
85.00
92.50
126.00
C25DRD230_
C25DRD330_
81.00
88.00
40
50
115
230
460
575
240
240
200
160
3
7-1/2
10
20
20
2.2
5.5
7.5
15
15
2
3
4
C25DNF240_
C25DNF340_
C25ENF440_
101.00
112.00
147.00
C25DRF240_
C25DRF340_
96.00
106.00
50
65
115
230
460
575
300
300
250
200
3
10
15
30
30
2.2
7.5
11
22
22
2
3
C25DNJ250_
C25DNJ350_
180.00
197.00
C25DRJ250_
C25DRJ350_
171.00
187.00
60
75
115
230
460
575
360
360
300
240
5
10
20
40
40
3.7
7.5
15
30
30
2
3
C25FNF260_
C25FNF360_
215.00
235.00
NA
75
90
115
230
460
575
450
450
375
300
5
15
20
50
50
3.7
11
18.5
37
37
2
3
C25FNF275_
C25FNF375_
291.00
312.00
NA
90
120
115
230
460
575
540
540
450
360
7-1/2
20
30
50
50
5.7
15.1
22
37
37
2
3
C25GNF290_
C25GNF390_
362.00
387.00
NA
120
140
230
460
575
720
720
570
3
C25HNE3120_
476.00 NA
200
200
240
480
600
1200
1200
1000
3
C25KNE3200_
1,180.00 NA
300
300
240
480
600
1800
1800
1500
3
C25KNE3300_
2,025.00 NA
360
360
240
480
600
2320
2320
1900
3
C25LNE3360_
2,550.00 NA
Voltage
Coil
Suffix
60 Hertz
50 Hertz
AC
12
24
110 – 120
208
208 – 240
240
277
440 – 480
550 – 600
12
24
110 – 120
208 – 240
220
380 – 415
440 – 480
550 – 600
R
T
A
E
B
J
H
L
C
D
DC
12
24
48
120
1R
1T
1W
1A
Technical Data . . . . . . . . . . . . . . . . . . . . Pages 5, 35
Options. . . . . . . . . . . . . . . . . . . . . . . . . . . Page 7
Accessories . . . . . . . . . . . . . . . . . . . . . . Page 7
Dimensions . . . . . . . . . . . . . . . . . . . . . . . Page 31
Discount Symbol . . . . . . . . . . . . . . . . . . 1CD-5C


Similar Part No. - C25DRD315_

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C25DRT SILABS-C25DRT Datasheet
570Kb / 3P
   INSULATOR MATERIAL: SEEPART NUMBER CODING
C25DRX SILABS-C25DRX Datasheet
265Kb / 3P
   BOARD INSERTION FORCE: 16 OZ MAX PER CONTACT PAIR WHEN USING A .062 TEST BLADE
C25DRY SILABS-C25DRY Datasheet
107Kb / 3P
   PLATING: SEE PART NUMBER CODING OPERTING
More results

Similar Description - C25DRD315_

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
XMCK AZETTLER-XMCK Datasheet
229Kb / 4P
   Definite Purpose Contactors
logo
Tyco Electronics
DPC MACOM-DPC Datasheet
315Kb / 4P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
XMC0 ETC-XMC0 Datasheet
253Kb / 10P
   Definite Purpose Contactors
logo
American Zettler, Inc.
XMC0 AZETTLER-XMC0 Datasheet
574Kb / 8P
   Definite Purpose Contactors
logo
Hongfa Technology
XMC0 HONGFA-XMC0 Datasheet
1Mb / 12P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
90-244 ETC2-90-244 Datasheet
292Kb / 2P
   2 POLE DEFINITE PURPOSE CONTACTORS
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com