Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C25DND225_ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C25DND225_
Description  Definite Purpose Contactors & Starters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C25DND225_ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C25DND225_ Datasheet HTML 1Page - List of Unclassifed Manufacturers C25DND225_ Datasheet HTML 2Page - List of Unclassifed Manufacturers C25DND225_ Datasheet HTML 3Page - List of Unclassifed Manufacturers C25DND225_ Datasheet HTML 4Page - List of Unclassifed Manufacturers C25DND225_ Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
May 2007
2
For more information visit: www.eaton.com
CA03502001E
Definite Purpose Contactors & Starters
Product Family Overview
Application Description
These Cutler-Hammer® ampere and horsepower rated
devices from Eaton’s electrical business are designed for
service in applications such as Refrigeration, Air Conditioning
and Resistance Heating and are manufactured to traditional
Cutler-Hammer standards for quality and reliability. They are
subjected to stringent quality assurance inspections and
testing procedures. The life expectancy, both electrical and
mechanical, will meet or exceed industry performance
requirements for Definite Purpose devices.
If more detailed technical information is required — specifi-
cations, ratings, etc. — contact your local Eaton distributor
or sales office.
Catalog Number Selection
Table 1. Definite Purpose Control Catalog Numbering System
Model
C = Contactor
A = Three-Phase Starter
B = Single-Phase Starter
Type
25 = Non-reversing Contactors & Starters
27 = Non-reversing Starters
29 = Non-reversing Starters
65 = Reversing Contactors
C 2 5 D N A 2 1 5 A A 1 6 1 - 8 4
Contactor Frame Size
A = Compact 1-Pole
B = Compact 2-Pole
C = Compact 1-Pole W/Shunt
D = 15 – 50A, 2- and 3-Pole
E = 25 – 40A, 4-Pole
F = 60 – 75A, 2- and 3-Pole
G = 90A, 2- and 3-Pole
H = 120A, 2- and 3-Pole
K = 200 and 300A, 3-Pole
L = 360A, 3-Pole
For Starters Only
C = Common Control Wiring
S = Separate Control Wiring
Enclosure Type
N = Open with Metal Mounting Plate
R = Open with DIN Rail Mounting Adapter
(2- and 3-Pole, 15 – 50A Contactors Only)
G = NEMA Type 1 Enclosed
No. of Poles
1 = 1-Pole
2 = 2-Pole
3 = 3-Pole
4 = 4-Pole
Bulk Packaging
Blank = individual pkg.
-84 = 20 pc./pkg. (C25D_)
50 pc./pkg. (C25A_,
C25B_, C25C_)
-86 = Rotate coil terminals 180°
for 15A – 50A Contactors
Fuse Blocks
161 = Class M, 600V, 30A
237 = Class G, 300V, 15A
238 = Class G, 300V, 20A
231 = Class G, 300V, 30A
232 = Class G, 300V, 60A
361 = Class J, 600V, 30A
362 = Class J, 600V, 60A
431 = Class T, 300V, 30A
432 = Class T, 300V, 60A
461 = Class T, 600V, 30A
462 = Class T, 600V, 60A
521 = Class H, 250V, 30A
522 = Class H, 250V, 60A
621 = Class R, 250V, 30A
622 = Class R, 250V, 60A
Not available on 50A devices.
Power Terminals
A = Binding Head Screw
B = Binding Head Screw and Quick Connect
Terminals (side by side)
C = Screw/Pressure Plate
D = Screw/Pressure Plate and Quick Connect
Terminals (side by side)
E = Box Lugs (Posidrive Setscrew)
F = Box Lugs (Posidrive Setscrew) and Quick
Connect Terminals (side by side)
G = Binding Head Screw and Quick Connect
Terminals (vertical in-line)
H = Screw/Pressure Plate and Quick Connect
Terminals (vertical in-line)
J = Box Lugs (Posidrive Setscrew) and Quick
Connect Terminals (vertical in-line)
K = Box Lugs (Hex Socket Allen Head Setscrew)
L = Box Lugs (Hex Socket Allen Head Setscrew) and
Quick Connect Terminals (side by side)
M =Box Lugs (Hex Socket Allen Head Setscrew) and
Quick Connect Terminals (vertical in-line)
Auxiliary Contacts (Side Mount)
A = 1NO Pressure Plate
B = 1NC Pressure Plate
C = 1NO-1NC Pressure Plate
D = 2NO Pressure Plate
E = 2NC Pressure Plate
F = 1NO Pressure Plate and QC
G = 1NC Pressure Plate and QC
H = 1NO-1NC Pressure Plate and QC
J = 2NO Pressure Plate and QC
K = 2NC Pressure Plate and QC
L = 1NO-1NC Snap Switch QC Only
M =2NO-2NC Snap Switch QC Only
Coil Selection
A = 110 – 120V AC, 50/60 Hz
B = 208 – 240V AC, 50/60 Hz
C = 440 – 480V AC, 50/60 Hz
D = 550 – 600V AC, 50/50 Hz
H = 277V AC, 60 Hz
J = 220 – 240 V AC, 50/60 Hz
L = 380 – 415V AC, 50 Hz
R =
12V AC, 50/60 Hz
T =
24V AC, 50/60 Hz
1R = 12V DC
1T = 24V DC
1W = 48V DC
1A = 120V DC
Current Rating
15 = 15A
25 = 25A
30 = 30A
40 = 40A
50 = 50A
60 = 60A
75 = 75A
90 = 90A
120 = 120A
200 = 200A
300 = 300A
360 = 360A


Similar Part No. - C25DND225_

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C25D WTE-C25D Datasheet
23Kb / 2P
   25A AUTOMOTIVE RECTIFIER CELL
C25D WTE-C25D Datasheet
29Kb / 2P
   25A AUTOMOTIVE CELL DIODE
C25D WTE-C25D Datasheet
31Kb / 2P
   25A AUTOMOTIVE CELL DIODE
logo
Silicon Laboratories
C25DRT SILABS-C25DRT Datasheet
570Kb / 3P
   INSULATOR MATERIAL: SEEPART NUMBER CODING
C25DRX SILABS-C25DRX Datasheet
265Kb / 3P
   BOARD INSERTION FORCE: 16 OZ MAX PER CONTACT PAIR WHEN USING A .062 TEST BLADE
More results

Similar Description - C25DND225_

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
XMCK AZETTLER-XMCK Datasheet
229Kb / 4P
   Definite Purpose Contactors
logo
Tyco Electronics
DPC MACOM-DPC Datasheet
315Kb / 4P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
XMC0 ETC-XMC0 Datasheet
253Kb / 10P
   Definite Purpose Contactors
logo
American Zettler, Inc.
XMC0 AZETTLER-XMC0 Datasheet
574Kb / 8P
   Definite Purpose Contactors
logo
Hongfa Technology
XMC0 HONGFA-XMC0 Datasheet
1Mb / 12P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
90-244 ETC2-90-244 Datasheet
292Kb / 2P
   2 POLE DEFINITE PURPOSE CONTACTORS
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com