Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1608 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CS1608
Description  Typical Performance Characteristics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1608 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CS1608 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS1608 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS1608 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS1608 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS1608 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS1608 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS1608 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6
MULTI-LAYER CERAMIC CAPACITORS
CAPACITANCE RANGE AND DIMENSIONS BY TYPE
SMD Type
SIZE CODE
1608
2012
3216
3225
CAPACITANCE VALUE
C0G
X7R
Z5U
Y5V
C0G
X7R
Z5U
Y5V
C0G
X7R
Z5U
Y5V
C0G
X7R
Z5U
Y5V
L
1.60°æ
0.1
0.80°æ
0.1
0.80°æ
0.1
2.00°æ
0.20
1.25°æ
0.15
1.20 MAX
3.20°æ
0.25
1.60°æ
0.20
1.20 MAX
3.20°æ
0.25
2.50°æ
0.25
1.30 MAX
W
SIZE(mm)
0.5pF
1
2
3
4
5
6
7
8
9
10
12
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10nF
15
22
33
47
68
100
150
220
330
470
680
1000
0R5
010
020
030
040
050
060
070
080
090
100
120
150
160
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
820
910
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
153
223
333
473
683
104
154
224
334
474
684
105
0R5
471
0R5
272
0R5
102
101
104
101
104
220
472
102
104
102
154
103
105
103
105
103
105
103
474
103
474
390
153
750
223
331
104
T


Similar Part No. - CS1608

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
216Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808-1R0K BOURNS-CS160808-1R0K Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808-1R0K BOURNS-CS160808-1R0K Datasheet
216Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808-1R2K BOURNS-CS160808-1R2K Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
More results

Similar Description - CS1608

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP576 CENTRAL-CP576 Datasheet
38Kb / 2P
   Typical Electrical Characteristics
logo
Panasonic Semiconductor
HHR-380A PANASONIC-HHR-380A Datasheet
118Kb / 1P
   Typical charge characteristics
logo
GOOD-ARK Electronics
GDSSF2301B GOOD-ARK-GDSSF2301B_15 Datasheet
293Kb / 4P
   TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
logo
Energizer
NH12-700 ENERGIZER-NH12-700 Datasheet
158Kb / 1P
   Typical Performance at 21C
logo
Kemet Corporation
T350F336K010AT KEMET-T350F336K010AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T356J156K035AT KEMET-T356J156K035AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T356B475K016AT KEMET-T356B475K016AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T322F226K050AS KEMET-T322F226K050AS Datasheet
197Kb / 19P
   PERFORMANCE CHARACTERISTICS
logo
Linear Integrated Syste...
SD210DET LINEAR-SD210DET Datasheet
163Kb / 2P
   N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
SD211T LINEAR-SD211T Datasheet
220Kb / 4P
   N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com