Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMTH6010LK3Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMTH6010LK3Q
Description  60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6010LK3Q Datasheet(HTML) 4 Page - Diodes Incorporated

  DMTH6010LK3Q Datasheet HTML 1Page - Diodes Incorporated DMTH6010LK3Q Datasheet HTML 2Page - Diodes Incorporated DMTH6010LK3Q Datasheet HTML 3Page - Diodes Incorporated DMTH6010LK3Q Datasheet HTML 4Page - Diodes Incorporated DMTH6010LK3Q Datasheet HTML 5Page - Diodes Incorporated DMTH6010LK3Q Datasheet HTML 6Page - Diodes Incorporated DMTH6010LK3Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMTH6010LK3Q
Document number: DS38162 Rev. 2 - 2
4 of 7
www.diodes.com
December 2015
© Diodes Incorporated
DMTH6010LK3Q
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. Gate Threshold Variation vs. junction
Temperature
I
D=250μA
I
D=1mA
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 8. Diode Forward Voltage vs. Current
V
GS=0V, TJ=-55℃
V
GS=0V, TJ=25℃
V
GS=0V, TJ=85℃
V
GS=0V, TJ=175℃
V
GS=0V, TJ=150℃
V
GS=0V, TJ=125℃
1
10
100
1000
10000
0
10
20
30
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 9. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
Q
g, TOTAL GATE CHARGE (nC)
Figure 10. Gate Charge
V
DS=30V, ID=20A
0.01
0.1
1
10
100
1000
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 11. SOA, Safe Operation Area
P
W =10ms
P
W =100µs
R
DS(ON) Limited
P
W =1ms
P
W =100ms
T
J(Max) = 175℃
T
C = 25℃
Single Pulse
DUT on infinite heatsink
V
GS= 10V
P
W =1s
P
W =10µs
P
W =1µs


Similar Part No. - DMTH6010LK3Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6010LK3 DIODES-DMTH6010LK3 Datasheet
544Kb / 6P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010LK3-13 DIODES-DMTH6010LK3-13 Datasheet
544Kb / 6P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH6010LK3Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6005LPS DIODES-DMTH6005LPS Datasheet
577Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SCTB DIODES-DMTH6004SCTB Datasheet
546Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SPS DIODES-DMTH6004SPS Datasheet
491Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6005LPSQ DIODES-DMTH6005LPSQ Datasheet
341Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010SK3 DIODES-DMTH6010SK3 Datasheet
554Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004LPS DIODES-DMTH6004LPS Datasheet
510Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010LPSQ DIODES-DMTH6010LPSQ Datasheet
571Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SCTBQ DIODES-DMTH6004SCTBQ Datasheet
554Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SPSQ DIODES-DMTH6004SPSQ Datasheet
486Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6009LK3Q DIODES-DMTH6009LK3Q Datasheet
561Kb / 6P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com