Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMTH6004SCTBQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMTH6004SCTBQ
Description  60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6004SCTBQ Datasheet(HTML) 5 Page - Diodes Incorporated

  DMTH6004SCTBQ Datasheet HTML 1Page - Diodes Incorporated DMTH6004SCTBQ Datasheet HTML 2Page - Diodes Incorporated DMTH6004SCTBQ Datasheet HTML 3Page - Diodes Incorporated DMTH6004SCTBQ Datasheet HTML 4Page - Diodes Incorporated DMTH6004SCTBQ Datasheet HTML 5Page - Diodes Incorporated DMTH6004SCTBQ Datasheet HTML 6Page - Diodes Incorporated DMTH6004SCTBQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMTH6004SCTBQ
Document number: DS38157 Rev. 1 - 2
5 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH6004SCTBQ
t1, PULSE DURATION TIME (sec)
Figure 13 Transient Thermal Resistance
0.001
0.01
0.1
1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Single Pulse
D = 0.005
D = 0.01
D = 0.02
D = 0.9
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
R
(t) = r(t) * R
thjc
thjc
R
= 1.08°C/W
thjc
Duty Cycle, D = t1/ t2


Similar Part No. - DMTH6004SCTBQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6004SCTB DIODES-DMTH6004SCTB Datasheet
546Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMTH6004SCTB ISC-DMTH6004SCTB Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMTH6004SCTB-13 DIODES-DMTH6004SCTB-13 Datasheet
546Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH6004SCTBQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6005LPS DIODES-DMTH6005LPS Datasheet
577Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SCTB DIODES-DMTH6004SCTB Datasheet
546Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SPS DIODES-DMTH6004SPS Datasheet
491Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010LK3Q DIODES-DMTH6010LK3Q Datasheet
463Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6005LPSQ DIODES-DMTH6005LPSQ Datasheet
341Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010SK3 DIODES-DMTH6010SK3 Datasheet
554Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004LPS DIODES-DMTH6004LPS Datasheet
510Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010LPSQ DIODES-DMTH6010LPSQ Datasheet
571Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SPSQ DIODES-DMTH6004SPSQ Datasheet
486Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6009LK3Q DIODES-DMTH6009LK3Q Datasheet
561Kb / 6P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com