Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAS-251M Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # HAS-251M
Description  Small capacitance and excellent insulation resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HAS-251M Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  HAS-251M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HAS-251M Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD HAS-251M Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD HAS-251M Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD HAS-251M Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD HAS-251M Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD HAS-251M Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD HAS-251M Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Surge Absorbers
HAS Series
3000A
1 Application:
Fast Delivery Time
·For instantaneous over-voltage protection to ADSL,ISDN,MODEM,FAX,TEL,Power Supplies,Alarm systems.
·For instantaneous over-voltage protection to RS485,RS232 port, CATV,video transceiver.
·For instantaneous over-voltage protection to ammeter,water meter auto admin system, etc
2 Features
·Small capacitance and excellent insulation resistance(100MΩ min).
·Small size,No polarity.No dark effect.
·Low electrode capacitance(1pF max).
·Quick response for electrostatic,surge voltage and low limiting voltage.
·Stable for repeated discharge test conditions.
·Operating temperature: -40℃ ~ +85℃. Storage temperature: -40℃ ~ +125℃.
3 Electrical Characteristics
Part Number
DC Spark-Over Voltage
Vs(V)
Nominal value(Min-Max)
Insulation Resistance
Capacitance
of electrostatic
Surge current
capacity
8/20us
Surge
Life
Test voltage
IR (MΩ)
1KHz-6V
HAS-141N
140V
(98V-182V)
DC50V
DC100V
DC250V
DC500V
>100MΩ
1pF(MAX)
3000A
1KHz-10KV
Max
10/700us
6KV 150A
10times
HAS-181N
180V
(126V-234V)
HAS-201M
200V
(160V-240V)
HAS-251M
250V
(200V-300V)
HAS-301M
300V
(240V-360V)
HAS-401M
400V
(320V-480V)
HAS-471M
470V
400V-560V)
HAS-501M
500V
(400V-600V)
HAS-601M
600V
(480V-720V)
HAS-102M
1000V
(800V-1200V)
HAS-122M
1200V
(960V-1440V)
HAS-152M
1500V
(1200V-1800V)
4 Dimension(Diameter 3.1mm , Length 6.7mm)
1
HUAAN LIMITED
www.huaandz.com


Similar Part No. - HAS-251M

ManufacturerPart #DatasheetDescription
logo
LEM
HAS-200-S LEM-HAS-200-S Datasheet
530Kb / 3P
   Current Transducer HAS 50 .. 600-S
More results

Similar Description - HAS-251M

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HA37-141N HUAXINAN-HA37-141N Datasheet
335Kb / 7P
   Small capacitance and excellent insulation resistance
HAA-141N HUAXINAN-HAA-141N Datasheet
338Kb / 7P
   Small capacitance and excellent insulation resistance
HAB-141N HUAXINAN-HAB-141N Datasheet
317Kb / 5P
   Small capacitance and excellent insulation resistance
logo
List of Unclassifed Man...
1347018 ETC2-1347018 Datasheet
92Kb / 2P
   CSPE - Chlorosulphonated Polyethylene insulation has excellent heat resistance
GF1000SR ETC2-GF1000SR Datasheet
242Kb / 2P
   Excellent slump resistance
GF1500 ETC2-GF1500 Datasheet
393Kb / 2P
   Excellent slump resistance
logo
Mercury United Electron...
45MQ30A MERCURY-45MQ30A Datasheet
98Kb / 1P
   Thin and light weight; excellent shock and vibration resistance
logo
STMicroelectronics
STW70N60M2 STMICROELECTRONICS-STW70N60M2 Datasheet
1Mb / 13P
   Excellent output capacitance
September 2014 Rev 4
logo
Golledge Electronics Lt...
MCSO6V GOLLEDGE-MCSO6V Datasheet
550Kb / 4P
   Excellent shock & vibration resistance
MCSOFW GOLLEDGE-MCSOFW Datasheet
549Kb / 4P
   Excellent shock & vibration resistance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com