Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAE-601M Datasheet(PDF) 6 Page - HuaXinAn Electronics CO.,LTD

Part # HAE-601M
Description  Surge Absorber
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HAE-601M Datasheet(HTML) 6 Page - HuaXinAn Electronics CO.,LTD

  HAE-601M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Surge Absorbers
12 Taping 包装 :
Mark 符号
W
P
T
Z
L1-L2
S
t
L
D1
D
Dimension(mm)
52±2.0
5.0±0.5
6.0±1.0
1.2 max
0.8 max
0.8 max 3.2 max 6.7±1.0
Φ0.5
Φ2.6±0.3
13 Package 装箱 :
Item 项目
Length
Width
Height
数量
Quantity
A=255mm
B=75mm
C=68mm
2000pcs
HuaXinAn Electronics
sales@huaandz.com
abc0734@126.com
5
HUAAN LIMITED
www.huaandz.com
Tel:+86-755-27465585


Similar Part No. - HAE-601M

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE100 P-DUKE-HAE100 Datasheet
785Kb / 4P
   HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 100 Watts
HAE100-110S05W P-DUKE-HAE100-110S05W Datasheet
725Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE100-110S12W P-DUKE-HAE100-110S12W Datasheet
725Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE100-110S15W P-DUKE-HAE100-110S15W Datasheet
725Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE100-110S24W P-DUKE-HAE100-110S24W Datasheet
725Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results

Similar Description - HAE-601M

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RHCA-900Q31U OKAYA-RHCA-900Q31U Datasheet
361Kb / 2P
   SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HA41-141N HUAXINAN-HA41-141N Datasheet
361Kb / 7P
   Surge Absorber
logo
Okaya Electric America,...
RA-501M-V7 OKAYA-RA-501M-V7 Datasheet
904Kb / 2P
   SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HAD-141N HUAXINAN-HAD-141N Datasheet
260Kb / 3P
   Surge Absorber
logo
Okaya Electric America,...
R-221D OKAYA-R-221D Datasheet
290Kb / 1P
   SURGE ABSORBER
RA-800P-C6 OKAYA-RA-800P-C6 Datasheet
680Kb / 2P
   SURGE ABSORBER
RHCA-900Q43U OKAYA-RHCA-900Q43U Datasheet
514Kb / 2P
   SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HAH-152M HUAXINAN-HAH-152M Datasheet
341Kb / 6P
   Surge Absorber
logo
Okaya Electric America,...
R28-900-BHL OKAYA-R28-900-BHL Datasheet
706Kb / 2P
   SURGE ABSORBER
logo
Shanghai Leiditech Elec...
LL102 LEIDITECH-LL102 Datasheet
3Mb / 1P
   Surge Absorber
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com