Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAE-601M Datasheet(PDF) 4 Page - HuaXinAn Electronics CO.,LTD

Part # HAE-601M
Description  Surge Absorber
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HAE-601M Datasheet(HTML) 4 Page - HuaXinAn Electronics CO.,LTD

  HAE-601M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD HAE-601M Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Surge Absorbers
7 Initial Characteristices 基本特性 :
项目
Test Item
测试条件
Test Method
规格值
Specification
直流放电电压
DC Spark-Over
VoltageVs(V)
逐渐地增加测量使用直流电压,即可知其开始电压,测
定电流为一毫安与测定时间最大为一秒
(1sec).(1mA)
(Add and measure the DC Voltage gradually Maxto get
the discharge threshold voltage. The measuring current
is 1mA/1 second max.)
依型号而定
(It depands on each part number.)
内绝缘电阻
Insulation Resistance
在规定的设定直流电压下,跨在两端引线,即测量其内
绝缘电阻值
.(Measure the insulation resistance of two
end of leadwire under the specified DC voltage.)
100MΩ或大于 100MΩ
(100MΩ min.)
静电电容
Capacitance C(pF)
使用频率
1KHZ 与小于或等于 6V 直流电压之电源,即
测量其静电电容量
Measure the Electrostatic
Capacitance under the test condition of 1KHz,DC
6V(max).
1PF 或小于 1PF
(1pF max.)
8 Enviromental Characteristics(环境试验) :
试验项目
Test Item
试验方法
Test Method
性能
Characteristics
耐寒性
(依据 JIS C0020)
Cold Resistance JIS C0020
放置于
-40℃±3℃之环境中 1000 小時后,取出置于常温常湿中 4
小時后
,检测直流开始放电电压,绝缘阻抗,静电容量及检查外观.
After -40±3℃(1000hrs) / room temp.,normal humidity(4 hrs)
cycle,measure the properties.
满足各个特性之规格值
Within standard
mentioned in Initial
Characteristics.
耐热性
(依据 JIS C0021)
Heat Resistance JIS C0021
放置于
125℃±2℃之环境中 1000 小時后,取出置于常温常湿中 4
小時后
,检测直流开始放电电压,绝缘阻抗,静电容量及检查外观.
After 125±2℃(1000hrs) / room temp.,normal humidity(4 hrs)
cycle,measure the properties.
满足各个特性之规格值
Within standard
mentioned in Initial
Characteristics.
耐湿性
(依据 JIS C0022)
Humidity Resistance JIS
C0020
放置于
85℃±2℃ RH85%之环境中 1000 小時后,取出置于常温常
湿中
4 小時后,检测直流开始放电电压,绝缘阻抗,静电容量及
检查外观。
After 85±2℃, 85% RH (1000hrs)/room temp., normal humidity
(4hrs)cycle, measure the properties.
满足各个特性之规格值
Within standard
mentioned in Initial
Characteristics.
温度周期
(依据 JISC0025)
Temperature Cycle Test (JIS
C0025)
-40℃±3℃(30 分)~(常温 3 分)~125℃±2℃(30 分)为 1 周期,重复
25 次后,取出置于常温常湿中 4 小時后,检测直流开始放电电压,
绝缘阻抗,静电容量及检查外观
.
25 times repetition of cycle -40±3℃ (30 Min.),roon temp., (4
Min.),125±2℃(30 Min.),room temp., normal humidity(4hrs) .
满足各个特性之规格值
Within standard
mentioned in Initial
Characteristics.
3
HUAAN LIMITED
www.huaandz.com


Similar Part No. - HAE-601M

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE100 P-DUKE-HAE100 Datasheet
785Kb / 4P
   HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 100 Watts
HAE100-110S05W P-DUKE-HAE100-110S05W Datasheet
725Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE100-110S12W P-DUKE-HAE100-110S12W Datasheet
725Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE100-110S15W P-DUKE-HAE100-110S15W Datasheet
725Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE100-110S24W P-DUKE-HAE100-110S24W Datasheet
725Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results

Similar Description - HAE-601M

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RHCA-900Q31U OKAYA-RHCA-900Q31U Datasheet
361Kb / 2P
   SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HA41-141N HUAXINAN-HA41-141N Datasheet
361Kb / 7P
   Surge Absorber
logo
Okaya Electric America,...
RA-501M-V7 OKAYA-RA-501M-V7 Datasheet
904Kb / 2P
   SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HAD-141N HUAXINAN-HAD-141N Datasheet
260Kb / 3P
   Surge Absorber
logo
Okaya Electric America,...
R-221D OKAYA-R-221D Datasheet
290Kb / 1P
   SURGE ABSORBER
RA-800P-C6 OKAYA-RA-800P-C6 Datasheet
680Kb / 2P
   SURGE ABSORBER
RHCA-900Q43U OKAYA-RHCA-900Q43U Datasheet
514Kb / 2P
   SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HAH-152M HUAXINAN-HAH-152M Datasheet
341Kb / 6P
   Surge Absorber
logo
Okaya Electric America,...
R28-900-BHL OKAYA-R28-900-BHL Datasheet
706Kb / 2P
   SURGE ABSORBER
logo
Shanghai Leiditech Elec...
LL102 LEIDITECH-LL102 Datasheet
3Mb / 1P
   Surge Absorber
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com