Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA3R75S8 Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # HA3R75S8
Description  PCI Cards protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HA3R75S8 Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  HA3R75S8 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HA3R75S8 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(Ø8x10mm)
3-Electrode Gas Discharge Tubes
10KA
1:Dimension(mm)
Fast Delivery Time
2:Main Applications
•PCI Cards protection
•Telephone/Fax/Modem protection
•single line protection
•ADSL/XDSL Splitter,Power Supply
•Surge Protection Device/Surge Protector
3:Features
100% Lead-Free(RoHs Compliant )
•Non-Radioactive
•Low capacitance (≤1pF)
•Fast Response-time,High Insulation Resistance.
•Small size :Ø8x10(mm)
4 Electrical Characteristics
Part Number
DC
Spark-over
Voltage
@ 100V/S
Impulse
Spark-over
Voltage
@100V/
μs
Impulse
Spark-over
Voltage
@1KV/
μs
Insulation
Resistance
Impulse discharge
current(
8/20
μs)
AC discharge
current
(50Hz,1s,10ti
mes)
Capacitan
ce
(1MHz)
V
V
V
10 Times
A
PF
HA3R75S8
75±20%
<500
<600
>1
10KA
10
≤1
HA3R90S8
90±20%
<500
<600
>1
10KA
10
≤1
HA3R150S8
150±20%
<500
<600
>1
10KA
10
≤1
HA3R230S8
230±20%
<600
<700
>1
10KA
10
≤1
HA3R250S8
250±20%
<600
<700
>1
10KA
10
≤1
HA3R350S8
350±20%
<900
≤ 1000
>1
10KA
10
≤1
HA3R400S8
400±20%
<900
≤ 1000
>1
10KA
10
≤1
HA3R420S8
420±20%
<900
≤ 1000
>1
10KA
10
≤1
HA3R470S8
470±20%
<1100
≤ 1200
>1
10KA
10
≤1
HA3R600S8
600±20%
<1200
≤ 1300
>1
10KA
10
≤1
HA3R800S8
800±20%
<1300
≤ 1400
>1
10KA
10
≤1
Packing Quantity : 100PCS
HuaXinAn Electronics
sales@huaandz.com
abc0734@126.com
1
HUAAN LIMITED
www.huaandz.com
Tel:+86-755-27465585


Similar Part No. - HA3R75S8

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HA3R75S HUAXINAN-HA3R75S Datasheet
206Kb / 2P
   PCI Cards protection
More results

Similar Description - HA3R75S8

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HA2R75E HUAXINAN-HA2R75E Datasheet
194Kb / 2P
   PCI Cards protection
HA3R75A HUAXINAN-HA3R75A Datasheet
206Kb / 2P
   PCI Cards protection
HA3R75D HUAXINAN-HA3R75D Datasheet
238Kb / 4P
   PCI Cards protection
HA2R75S86 HUAXINAN-HA2R75S86 Datasheet
192Kb / 2P
   PCI Cards protection
HA2R75A HUAXINAN-HA2R75A Datasheet
192Kb / 2P
   PCI Cards protection
HA2R75C HUAXINAN-HA2R75C Datasheet
201Kb / 3P
   PCI Cards protection
HA2R75S HUAXINAN-HA2R75S Datasheet
206Kb / 2P
   PCI Cards protection
HA3R75G HUAXINAN-HA3R75G Datasheet
202Kb / 2P
   PCI Cards protection
HA2R75S8 HUAXINAN-HA2R75S8 Datasheet
207Kb / 2P
   PCI Cards protection
HA3R75B HUAXINAN-HA3R75B Datasheet
202Kb / 2P
   PCI Cards protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com