Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGF0918A Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MGF0918A
Description  L & S BAND GaAs FET [ SMD non - matched ]
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF0918A Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGF0918A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF0918A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF0918A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mitsubishi Electric
July 1999
MGF0918A TYPICAL CHARACTERISTICS
VDS=6V
ID=0.1A
f=1.9GHz
Po,Gp,PAE vs.Pin
0
5
10
15
20
25
30
35
-10
-5
0
5
10
15
Pin(dBm)
0
10
20
30
40
50
60
70
Vds=10V
Id(off)=150mA
f=1.9GHz
Po
Gp
PAE
P i( S C L ) vs .P o( S C L ) ,I M 3
-2 0
-1 5
-1 0
-5
0
5
10
15
20
25
30
-2 0
- 1 5
-1 0
- 5
0
5
1 0
1 5
P in ( S C L )(d B m )
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
10
20
30
V D = 10V
I D = 150m A
f 1 = 1 .90G H z
f 2 = 1 .91G H z
Po
IM 3


Similar Part No. - MGF0918A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0918A MITSUBISHI-MGF0918A Datasheet
47Kb / 4P
   L & S BAND GaAs FET
MGF0918A MITSUBISHI-MGF0918A Datasheet
110Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0918A MITSUBISHI-MGF0918A_04 Datasheet
47Kb / 4P
   L & S BAND GaAs FET
MGF0918A MITSUBISHI-MGF0918A_11 Datasheet
110Kb / 4P
   High-power GaAs FET (small signal gain stage)
More results

Similar Description - MGF0918A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0920A MITSUBISHI-MGF0920A Datasheet
47Kb / 4P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0913A MITSUBISHI-MGF0913A Datasheet
44Kb / 4P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0916A MITSUBISHI-MGF0916A Datasheet
47Kb / 4P
   L & S BAND GaAs FET ( SMD non - matched )
MGF0917A MITSUBISHI-MGF0917A Datasheet
43Kb / 4P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0805A MITSUBISHI-MGF0805A Datasheet
120Kb / 8P
   L & S Band GaAs FET [ SMD non-matched ]
MGF0919A MITSUBISHI-MGF0919A_05 Datasheet
297Kb / 12P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0915A MITSUBISHI-MGF0915A Datasheet
1Mb / 48P
   L & S BAND GaAs FET[ SMD non - matched ]
MGF0919A MITSUBISHI-MGF0919A Datasheet
43Kb / 4P
   L & S BAND GaAs FET [ SMD non matched ]
MGF0953P MITSUBISHI-MGF0953P Datasheet
217Kb / 4P
   L & S BAND GaAs FET
MGF0912A MITSUBISHI-MGF0912A Datasheet
28Kb / 3P
   L & S BAND GaAs FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com