Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4058EDD-4.2 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4058EDD-4.2
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4058EDD-4.2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4058EDD-4.2 Datasheet HTML 3Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 4Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 5Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 6Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 7Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 8Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 9Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 10Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC4058-4.2/LTC4058X-4.2
sn405842 405842fs
OPERATIO
The LTC4058 is a single cell lithium-ion battery charger
using a constant-current/constant-voltage algorithm. It
can deliver up to 950mA of charge current (using a good
thermal PCB layout) with a final float voltage accuracy of
±1%. The LTC4058 includes an internal P-channel power
MOSFET and thermal regulation circuitry. No blocking
diode or external current sense resistor is required; thus,
the basic charger circuit requires only two external com-
ponents. Furthermore, the LTC4058 is capable of operat-
ing from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC pin rises
above the UVLO threshold level and a 1% program resistor
is connected from the PROG pin to ground. If the BSENSE
pin is less than 2.9V, the charger enters trickle charge mode.
In this mode, the LTC4058 supplies approximately 1/10th
the programmed charge current to bring the battery volt-
age up to a safe level for full current charging. (Note: The
LTC4058X does not include this trickle charge feature.)
When the BSENSE pin voltage rises above 2.9V, the charger
enters constant-current mode where the programmed
charge current is supplied to the battery. When the BSENSE
pin approaches the final float voltage (4.2V), the LTC4058
enters constant-voltage mode and the charge current be-
gins to decrease. When the charge current drops to 1/10th
of the programmed value, the charge cycle ends.
Programming Charge Current
The charge current is programmed using a single resistor
from the PROG pin to ground. The charge current out of
the BAT pin is 1000 times the current out of the PROG pin.
The program resistor and the charge current are calcu-
lated using the following equations:
R
V
I
I
V
R
PROG
CHG
CHG
PROG
==
1000
1000
,
Charge current out of the BAT pin can be determined at any
time by monitoring the PROG pin voltage and using the
following equation:
I
V
R
BAT
PROG
PROG
=
• 1000
Charge Termination
The charge cycle terminates when the charge current falls
to 10% the programmed value after the final float voltage
is reached. This condition is detected by using an internal,
filtered comparator to monitor the PROG pin. When the
PROG pin voltage falls below 100mV1 for longer than
tTERM (typically 1ms), charging is terminated. The charge
current is latched off and the LTC4058 enters standby
mode where the input supply current drops to 200
µA.
(Note: C/10 termination is disabled in trickle charging and
thermal limiting modes.)
When charging, transient loads on the BAT pin can cause
the PROG pin to fall below 100mV for short periods of time
before the DC charge current has dropped to 10% of the
programmed value. The 1ms filter time (tTERM) on the
termination comparator ensures that transient loads of
this nature do not result in premature charge cycle termi-
nation. Once the
average charge current drops below 10%
of the programmed value, the LTC4058 terminates the
charge cycle and ceases to provide any current through
the BAT pin. In this state, all loads on the BAT pin must be
supplied by the battery.
The LTC4058 constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.1V recharge
threshold (VRECHRG), another charge cycle begins and
charge current is once again supplied to the battery. To
manually restart a charge cycle when in standby mode, the
input voltage must be removed and reapplied or the charger
must be shut down and restarted using the EN pin. Figure 1
shows the state diagram of a typical charge cycle.
Charge Status Indicator (CHRG)
The charge status output has two states: pull-down and
high impedance. The pull-down state indicates that the
LTC4058 is in a charge cycle. Once the charge cycle has
terminated or the LTC4058 is disabled, the pin state
becomes high impedance.
1Any external sources that hold the PROG pin above 100mV will prevent the LTC4058 from
terminating a charge cycle.


Similar Part No. - LTC4058EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058 LINER-LTC4058 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4058 LINER-LTC4058 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4058 LINER-LTC4058 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4058-4.2 LINER-LTC4058-4.2 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
More results

Similar Description - LTC4058EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058X-4.2 LINER-LTC4058X-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com