Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4058EDD-4.2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4058EDD-4.2
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4058EDD-4.2 Datasheet(HTML) 4 Page - Linear Technology

  LTC4058EDD-4.2 Datasheet HTML 1Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 2Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 3Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 4Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 5Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 6Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 7Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 8Page - Linear Technology LTC4058EDD-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC4058-4.2/LTC4058X-4.2
sn405842 405842fs
TYPICAL PERFOR A CE CHARACTERISTICS
Regulated Output (Float) Voltage
vs Charge Current
IBAT (mA)
0
4.24
300
405842 G04
4.18
4.14
100
200
400
4.12
4.10
4.26
4.22
4.20
4.16
500
600
700
VCC = 5V
TA = 25°C
RPROG = 1.25k
Regulated Output (Float) Voltage
vs Temperature
TEMPERATURE (
°C)
–50
4.185
4.190
4.195
4.200
4.205
4.215
–25
025
50
405842 G05
75
100
4.210
VCC = 5V
RPROG = 10k
Regulated Output (Float) Voltage
vs Supply Voltage
VCC (V)
4
4.185
4.190
4.195
4.200
4.205
4.215
4.5
5
5.5
6
405842 G06
6.5
7
4.210
TA = 25°C
RPROG = 10k
CHRG Pin I-V Curve
(Pull-Down State)
Trickle Charge Current
vs Temperature
ACPR Pin I-V Curve
(Pull-Down State)
VCHRG (V)
0
20
25
30
35
405842 G07
15
10
12
46
7
5
0
TA = –40°C
TA = 25°C
TA = 90°C
VCC = 5V
VBAT = VBSENSE = 4V
VACPR (V)
0
20
25
30
35
405842 G08
15
10
12
46
7
5
0
TA = –40°C
TA = 25°C
TA = 90°C
VCC = 5V
VBAT = VBSENSE = 4V
TEMPERATURE (
°C)
–50
0
10
20
30
40
60
–25
025
50
405842 G09
75
100
50
VCC = 5V
VBAT = VBSENSE = 2.5V
RPROG = 2k
RPROG = 10k
Trickle Charge Current
vs Supply Voltage
Charge Current vs Battery Voltage
VCC (V)
4
0
10
20
30
40
60
4.5
5
5.5
6
405842 G10
6.5
7
50
VBAT = VBSENSE = 2.5V
TA = 25°C
RPROG = 2k
RPROG = 10k
Trickle Charge Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–50
2.875
2.900
2.925
25
75
405842 G11
2.850
2.825
2.800
–25
0
50
2.950
2.975
3.000
100
VCC = 5V
RPROG = 10k
VBAT (V)
2.4
400
500
600
3.3
3.9
405842 G08
300
200
2.7
3
3.6
4.2
4.5
100
0
VCC = 5V
θJA = 40°C/W
RPROG = 2k


Similar Part No. - LTC4058EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058 LINER-LTC4058 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4058 LINER-LTC4058 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4058 LINER-LTC4058 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4058-4.2 LINER-LTC4058-4.2 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
More results

Similar Description - LTC4058EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058X-4.2 LINER-LTC4058X-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com