Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4058 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4058
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4058 Datasheet(HTML) 2 Page - Linear Technology

  LTC4058 Datasheet HTML 1Page - Linear Technology LTC4058 Datasheet HTML 2Page - Linear Technology LTC4058 Datasheet HTML 3Page - Linear Technology LTC4058 Datasheet HTML 4Page - Linear Technology LTC4058 Datasheet HTML 5Page - Linear Technology LTC4058 Datasheet HTML 6Page - Linear Technology LTC4058 Datasheet HTML 7Page - Linear Technology LTC4058 Datasheet HTML 8Page - Linear Technology LTC4058 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC4058-4.2/LTC4058X-4.2
sn405842 405842fs
(Note 1)
Input Supply Voltage (VCC) ....................... –0.3V to 10V
PROG ............................................. – 0.3V to VCC + 0.3V
BAT, BSENSE .............................................. –0.3V to 7V
CHRG, ACPR, EN ...................................... –0.3V to 10V
BAT Short-Circuit Duration .......................... Continuous
BAT Pin Current ........................................................ 1A
PROG Pin Current ................................................... 1mA
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
TJMAX = 125°C, θJA = 40°C/W (NOTE 3)
EXPOSED PAD IS GROUND (PIN 9)
MUST BE SOLDERED TO PCB
ORDER PART
NUMBER
DD PART MARKING
LAEV
LBDH
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Supply Voltage
q
4.25
6.5
V
ICC
Input Supply Current
Charge Mode (Note 4), RPROG = 10k
q
0.3
1
mA
Standby Mode (Charge Terminated)
q
200
500
µA
Shutdown Mode (EN = 5V, VCC < VBSENSE
q
25
50
µA
or VCC < VUV)
VFLOAT
Regulated Output (Float) Voltage
0
°C ≤ TA ≤ 85°C, 4.3V < VCC < 6.5V
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RPROG = 10k, Current Mode
q
93
100
107
mA
RPROG = 2k, Current Mode
q
465
500
535
mA
IBSENSE
BSENSE Pin Current (Note 5)
Standby Mode, VBSENSE = 4.2V
q
–2.5
–6
µA
Shutdown Mode (EN = 5V, VCC < VBSENSE or
±1
±2
µA
VCC < VUV)
Sleep Mode, VCC = 0V
±1
±2
µA
ITRIKL
Trickle Charge Current
VBSENSE < VTRIKL, RPROG = 2k (Note 6)
q
30
45
60
mA
VTRIKL
Trickle Charge Threshold Voltage
RPROG = 10k, VBSENSE Rising (Note 6)
2.8
2.9
3
V
VTRHYS
Trickle Charge Hysteresis Voltage
RPROG = 10k (Note 6)
60
80
110
mV
VUV
VCC Undervoltage Lockout Voltage
From VCC Low to High
q
3.7
3.8
3.92
V
VUVHYS
VCC Undervoltage Lockout Hysteresis
q
150
200
300
mV
VEN(IL)
EN Pin Input Low Voltage
q
0.4
0.7
V
VEN(IH)
EN Pin Input High Voltage
q
0.7
1
V
REN
EN Pin Pull-Down Resistor
q
1.2
2
5
M
VASD
VCC – VBSENSE Lockout Threshold
VCC from Low to High
70
100
140
mV
VCC from High to Low
5
30
50
mV
ITERM
C/10 Termination Current Threshold
RPROG = 10k (ICHG = 100mA) (Note 7)
q
0.085
0.10
0.115
mA/mA
RPROG = 2k (ICHG = 500mA)
q
0.085
0.10
0.115
mA/mA
VPROG
PROG Pin Voltage
RPROG = 10k, Current Mode
0.93
1
1.07
V
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
0.35
0.6
V
VACPR
ACPR Pin Output Low Voltage
IACPR = 5mA
0.35
0.6
V
∆VRECHRG
Recharge Battery Threshold Voltage
VFLOAT – VRECHRG, 0°C ≤ TA ≤ 85°C
60
100
140
mV
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC4058EDD-4.2
LTC4058XEDD-4.2
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
BSENSE
BAT
CHRG
GND
EN
ACPR
VCC
PROG


Similar Part No. - LTC4058

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058 LINER-LTC4058 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4058 LINER-LTC4058 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4058 LINER-LTC4058 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4058-4.2 LINER-LTC4058-4.2 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
More results

Similar Description - LTC4058

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058X-4.2 LINER-LTC4058X-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com