Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4058 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4058
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4058 Datasheet(HTML) 1 Page - Linear Technology

  LTC4058 Datasheet HTML 1Page - Linear Technology LTC4058 Datasheet HTML 2Page - Linear Technology LTC4058 Datasheet HTML 3Page - Linear Technology LTC4058 Datasheet HTML 4Page - Linear Technology LTC4058 Datasheet HTML 5Page - Linear Technology LTC4058 Datasheet HTML 6Page - Linear Technology LTC4058 Datasheet HTML 7Page - Linear Technology LTC4058 Datasheet HTML 8Page - Linear Technology LTC4058 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC4058-4.2/LTC4058X-4.2
sn405842 405842fs
Standalone Linear
Li-Ion Battery Charger with
Thermal Regulation in DFN
s
Programmable Charge Current Up to 950mA
s
Complete Linear Charger in DFN Package
s
No MOSFET, Sense Resistor or Blocking Diode
Required
s
Thermal Regulation Maximizes Charge Rate
Without Risk of Overheating*
s
Battery Kelvin Sensing Improves Charging Accuracy
s
Charges Directly from a USB Port
s
C/10 Charge Termination
s
Preset 4.2V Charge Voltage with
±1% Accuracy
s
Charge Current Monitor Output for Gas Gauging*
s
Automatic Recharge
s
Charge Status Output
s
“AC Present” Output
s
2.9V Trickle Charge Threshold (LTC4058)
s
Available Without Trickle Charge (LTC4058X)
s
Soft-Start Limits Inrush Current
s
Low Profile (3mm
× 3mm × 0.75mm) DFN Package
s
Cellular Telephones, PDAs, MP3 Players
s
Bluetooth Applications
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®4058 is a complete constant-current/constant-
voltage linear charger for single cell lithium-ion batteries.
Its DFN package and low external component count make
the LTC4058 ideally suited for portable applications. Fur-
thermore, the LTC4058 is designed to work within USB
power specifications.
The LTC4058 can Kelvin sense the battery terminal for
more accurate float voltage charging. No external sense
resistor or external blocking diode are required due to the
internal MOSFET architecture. Thermal feedback regu-
lates the charge current to limit the die temperature during
high power operation or high ambient temperature condi-
tions. The charge voltage is fixed at 4.2V and the charge
current is programmed with a resistor. The LTC4058
terminates the charge cycle when the charge current
drops to 10% of the programmed value after the final float
voltage is reached.
When the input supply (wall adapter or USB supply) is
removed, the LTC4058 enters a low current state dropping
the battery drain current to less than 2
µA. Other features
include charge current monitor, undervoltage lockout,
automatic recharge and status pins to indicate charge
termination and the presence of an input voltage.
BAT
VCC
BSENSE
CHRG
1.65k
405842 TA01
1
µF
VIN
4.5V TO 6.5V
1-CELL
Li-Ion
BATTERY
LTC4058-4.2
600mA
ACPR
EN
PROG
GND
+
TIME (HOURS)
0
1.5
405842 TA02
0.5
1.0
2.25
700
600
500
400
300
200
100
0
4.75
4.50
4.25
4.00
3.75
3.50
3.25
3.00
0.25
0.75
1.25
2.0
1.75
CONSTANT
VOLTAGE
CONSTANT
CURRENT
VCC = 5V
θJA = 40°C/W
RPROG = 1.65k
TA = 25°C
Complete Charge Cycle (750mAh Battery)
*US Patent 6,522,118
Single Cell Li-Ion Battery Charger with Kelvin Sense
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC4058

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058 LINER-LTC4058 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4058 LINER-LTC4058 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4058 LINER-LTC4058 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4058-4.2 LINER-LTC4058-4.2 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
More results

Similar Description - LTC4058

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058X-4.2 LINER-LTC4058X-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com