Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA741MJ Datasheet(PDF) 8 Page - Texas Instruments

Part # UA741MJ
Description  General-Purpose Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA741MJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button UA741MJ Datasheet HTML 4Page - Texas Instruments UA741MJ Datasheet HTML 5Page - Texas Instruments UA741MJ Datasheet HTML 6Page - Texas Instruments UA741MJ Datasheet HTML 7Page - Texas Instruments UA741MJ Datasheet HTML 8Page - Texas Instruments UA741MJ Datasheet HTML 9Page - Texas Instruments UA741MJ Datasheet HTML 10Page - Texas Instruments UA741MJ Datasheet HTML 11Page - Texas Instruments UA741MJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
6
4
2
0
– 2
– 4
– 6
90
80
70
60
50
40
30
20
10
0
t – Time – ms
– 8
VO
VI
VCC+ = 15 V
VCC– = –15 V
RL = 2 k
CL = 100 pF
TA = 25°C
f – Frequency – Hz
10k
1M
100M
100
1
0
10
20
30
40
50
60
70
80
90
100
VCC+ = 15 V
VCC– = –15 V
BS = 10 k
TA = 25°C
10%
tr
2.5
2
1.5
1
0.5
0
28
24
20
16
12
8
4
0
t – Time - µs
–4
90%
VCC+ = 15 V
VCC– = –15 V
RL = 2 k
CL = 100 pF
TA = 25°C
f – Frequency – Hz
10M
1M
10k
100
1
–10
0
10
20
70
80
90
100
110
VO = ±10 V
RL = 2 k
TA = 25°C
10
1k
100k
60
50
30
40
VCC+ = 15 V
VCC – = –15 V
20
18
16
14
12
10
8
6
4
2
400
200
100
40
20
10
0
VCC ± – Supply Voltage – V
VO = ±10 V
RL = 2 k
TA = 25°C
uA741
SLOS094E – NOVEMBER 1970 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various
devices.
Figure 6. Open-Loop Signal Differential
Figure 7. Open-Loop Large-Signal Differential
Voltage Amplification
Voltage Amplification
vs
vs
Supply Voltage
Frequency
Figure 8. Common-Mode Rejection Ratio vs Frequency
Figure 9. Output Voltage vs Elapsed Time
Figure 10. Voltage-Follower Large-Signal Pulse Response
8
Submit Documentation Feedback
Copyright © 1970–2015, Texas Instruments Incorporated
Product Folder Links: uA741


Similar Part No. - UA741MJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA741MJ STMICROELECTRONICS-UA741MJ Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
Texas Instruments
UA741MJ TI-UA741MJ Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MJ TI-UA741MJ Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MJ TI-UA741MJ Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MJB TI-UA741MJB Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - UA741MJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com