Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA741MJ Datasheet(PDF) 6 Page - Texas Instruments

Part # UA741MJ
Description  General-Purpose Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA741MJ Datasheet(HTML) 6 Page - Texas Instruments

Back Button UA741MJ Datasheet HTML 2Page - Texas Instruments UA741MJ Datasheet HTML 3Page - Texas Instruments UA741MJ Datasheet HTML 4Page - Texas Instruments UA741MJ Datasheet HTML 5Page - Texas Instruments UA741MJ Datasheet HTML 6Page - Texas Instruments UA741MJ Datasheet HTML 7Page - Texas Instruments UA741MJ Datasheet HTML 8Page - Texas Instruments UA741MJ Datasheet HTML 9Page - Texas Instruments UA741MJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
uA741
SLOS094E – NOVEMBER 1970 – REVISED JANUARY 2015
www.ti.com
7.4 Electrical Characteristics
μA741Y
at specified virtual junction temperature, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
(1)
μA741Y
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
VIO
Input offset voltage
VO = 0
1
5
mV
ΔVIO(adj)
Offset voltage adjust range
VO = 0
±15
mV
IIO
Input offset current
VO = 0
20
200
nA
IIB
Input bias current
VO = 0
80
500
nA
VICR
Common-mode input voltage range
±12
±13
V
RL = 10 kΩ
±12
±14
VOM
Maximum peak output voltage swing
V
RL = 2 kΩ
±10
±13
AVD
Large-signal differential voltage amplification
RL ≥ 2kΩ
20
200
V/mV
ri
Input resistance
0.3
2
M
Ω
ro
Output resistance
VO = 0, See
(1)
75
Ω
Ci
Input capacitance
1.4
pF
CMRR
Common-mode rejection ratio
VIC = VICRmin
70
90
dB
kSVS
Supply voltage sensitivity (
ΔVIO/ΔVCC)
VCC = ±9 V to ±15 V
30
150
µV/V
IOS
Short-circuit output current
±25
±40
mA
ICC
Supply current
VO = 0, No load
1.7
2.8
mA
PD
Total power dissipation
VO = 0, No load
50
85
mW
(1)
This typical value applies only at frequencies above a few hundred hertz because of the effects of drift and thermal feedback.
7.5 Switching Characteristics
μA741C, μA741M
over operating free-air temperature range, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
µA741C
µA741M
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
tr
Rise time
0.3
0.3
µs
VI = 20 mV, RL = 2 kΩ,
CL = 100 pF, See Figure 1
Overshoot factor
5%
5%
VI = 10 V, RL = 2 kΩ,
SR
Slew rate at unity gain
0.5
0.5
V/µs
CL = 100 pF, See Figure 1
7.6 Switching Characteristics
μA741Y
over operating free-air temperature range, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
µA741Y
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tr
Rise time
0.3
µs
VI = 20 mV, RL = 2 kΩ,
CL = 100 pF, See Figure 1
Overshoot factor
5%
VI = 10 V, RL = 2 kΩ,
SR
Slew rate at unity gain
0.5
V/µs
CL = 100 pF, See Figure 1
6
Submit Documentation Feedback
Copyright © 1970–2015, Texas Instruments Incorporated
Product Folder Links: uA741


Similar Part No. - UA741MJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA741MJ STMICROELECTRONICS-UA741MJ Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
Texas Instruments
UA741MJ TI-UA741MJ Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MJ TI-UA741MJ Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MJ TI-UA741MJ Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MJB TI-UA741MJB Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - UA741MJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com